Electronic Components Datasheet Search
  English  ▼

X  

CY28342ZCT Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY28342ZCT
Description  High-performance SiS645/650 Pentium 4 Clock Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28342ZCT Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY28342ZCT Datasheet HTML 14Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 15Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 16Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 17Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 18Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 19Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 20Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 21Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CY28342
Document #: 38-07349 Rev. *A
Page 21 of 22
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
Pentium is a registered trademark of Intel Corporation. Dial-a-Frequency and Dial-a-dB are registered trademarks and Dial-a-Ratio
and Dial-a-Skew are trademarks of Cypress Semiconductor Corporation. All product and company names mentioned in this
document may be the trademarks of their respective holders.
48-lead Shrunk Small Outline Package O48
51-85061-*C
48-lead Thin Shrunk Small Outline Package, Type II (6 mm x 12 mm) Z48
51-85059-*B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com