Electronic Components Datasheet Search
  English  ▼

X  

LMV931IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV931IDBVT Datasheet HTML 4Page - Texas Instruments LMV931IDBVT Datasheet HTML 5Page - Texas Instruments LMV931IDBVT Datasheet HTML 6Page - Texas Instruments LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments LMV931IDBVT Datasheet HTML 10Page - Texas Instruments LMV931IDBVT Datasheet HTML 11Page - Texas Instruments LMV931IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, and
RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
LMV931 (single)
25
°C
1
4
VIO
Input offset voltage
LMV931 (single)
Full range
6
mV
VIO
Input offset voltage
LMV932 (dual),
25
°C
1
5.5
mV
LMV932 (dual),
LMV934 (quad)
Full range
7.5
IO
αV
Average temperature
coefficient of input offset
voltage
25
°C
5.5
mV/°C
VIC = VCC+ − 0.8 V
25
°C
15
35
IIB
Input bias current
25
°C
65
nA
IIB
Input bias current
Full range
75
nA
IIO
Input offset current
25
°C
9
25
nA
IIO
Input offset current
Full range
40
nA
ICC
Supply current
25
°C
116
210
A
ICC
Supply current
(per channel)
Full range
230
mA
0
≤ VIC ≤ 3.8 V,
25
°C
60
86
0
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 5 V
−40
°C to 85°C
55
CMRR
Common-mode rejection
ratio
0.3
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 4.7 V
−40
°C to
125
°C
55
dB
ratio
−0.2 V
≤ VIC ≤ 0 V,
5 V
≤ VIC ≤ 5.2 V
25
°C
50
78
kSVR
Supply-voltage rejection
1.8 V
≤ VCC+ ≤ 5 V,
25
°C
75
100
dB
kSVR
Supply-voltage rejection
ratio
1.8 V
≤ VCC+ ≤ 5 V,
VIC = 0.5 V
Full range
70
dB
25
°C
VCC− − 0.2
−0.2 to 5.3
VCC+ + 0.2
VICR
Common-mode input
voltage range
CMRR
≥ 50 dB
−40
°C to 85°C
VCC−
VCC+
V
VICR
Common-mode input
voltage range
CMRR
≥ 50 dB
−40
°C to
125
°C
VCC− + 0.3
VCC+ −0.3
V
RL = 600 Ω to 2.5 V,
25
°C
88
102
LMV931
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
87
Large-
LMV931
RL = 2 kΩ to 2.5 V,
25
°C
94
113
AV
Large-
signal
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
93
dB
AV
signal
voltage
gain
RL = 600 Ω to 2.5 V,
25
°C
81
90
dB
voltage
gain
LMV932,
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
78
LMV932,
LMV934
RL = 2 kΩ to 2.5 V,
25
°C
85
100
LMV934
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com