Electronic Components Datasheet Search
  English  ▼

X  

LMV931IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV931IDBVT Datasheet HTML 10Page - Texas Instruments LMV931IDBVT Datasheet HTML 11Page - Texas Instruments LMV931IDBVT Datasheet HTML 12Page - Texas Instruments LMV931IDBVT Datasheet HTML 13Page - Texas Instruments LMV931IDBVT Datasheet HTML 14Page - Texas Instruments LMV931IDBVT Datasheet HTML 15Page - Texas Instruments LMV931IDBVT Datasheet HTML 16Page - Texas Instruments LMV931IDBVT Datasheet HTML 17Page - Texas Instruments LMV931IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL PERFORMANCE CHARACTERISTICS
Unless Otherwise Specified, VCC+ = 5 V, Single Supply, TA = 255C
Figure 13
50
60
70
90
100
10
100
1k
10k
100k
Frequency − Hz
CMRR
vs
FREQUENCY
1.8 V
2.7 V
5 V
80
Figure 14
30
40
50
60
70
80
90
100
10
100
1k
10k
Frequency − Hz
PSRR
vs
FREQUENCY
+PSRR
−PSRR
Figure 15
10
100
1k
10k
100k
Frequency − Hz
0.001
0.01
0.1
1
10
THD
vs
FREQUENCY
RL = 600 Ω
AV = 1
1.8 V
2.7 V
5 V
Figure 16
0.001
0.01
0.1
1
10
Frequency − Hz
THD
vs
FREQUENCY
10
100
1k
10k
100k
RL = 600 Ω
AV = 10
1.8 V
2.7 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com