Electronic Components Datasheet Search
  English  ▼

X  

LMV931IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments LMV931IDBVT Datasheet HTML 10Page - Texas Instruments LMV931IDBVT Datasheet HTML 11Page - Texas Instruments LMV931IDBVT Datasheet HTML 12Page - Texas Instruments LMV931IDBVT Datasheet HTML 13Page - Texas Instruments LMV931IDBVT Datasheet HTML 14Page - Texas Instruments LMV931IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL PERFORMANCE CHARACTERISTICS
Unless Otherwise Specified, VCC+ = 5 V, Single Supply, TA = 255C
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
Figure 5
0
20
40
60
80
100
120
140
01
2
3
4
5
6
Supply Voltage − V
RL = 600 Ω
Negative Swing
Positive Swing
Figure 6
0
5
10
15
20
25
30
35
40
45
01
2
3
4
5
6
Supply Voltage − V
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
RL = 2 kΩ
Negative Swing
Positive Swing
Figure 7
SHORT-CIRCUIT CURRENT (SINK)
vs
TEMPERATURE
0
20
40
60
80
100
120
140
160
−40
−20
0
20
40
60
80
100
120
5-V Sink
2.7-V Sink
1.8-V Sink
Temperature −
°C
Figure 8
0
20
40
60
80
100
120
140
160
−40
−20
0
20
40
60
80
100
120
SHORT-CIRCUIT CURRENT (SOURCE)
vs
TEMPERATURE
5-V Source
2.7-V Source
1.8-V Source
Temperature −
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com