Electronic Components Datasheet Search
  English  ▼

X  

TPS2115APWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115APWR
Description  AUTOSWITCHING POWER MUX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2115APWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2115APWR Datasheet HTML 8Page - Texas Instruments TPS2115APWR Datasheet HTML 9Page - Texas Instruments TPS2115APWR Datasheet HTML 10Page - Texas Instruments TPS2115APWR Datasheet HTML 11Page - Texas Instruments TPS2115APWR Datasheet HTML 12Page - Texas Instruments TPS2115APWR Datasheet HTML 13Page - Texas Instruments TPS2115APWR Datasheet HTML 14Page - Texas Instruments TPS2115APWR Datasheet HTML 15Page - Texas Instruments TPS2115APWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TPS2114A
TPS2115A
SBVS044A − MARCH 2004 − REVISED MAY 2004
www.ti.com
12
TYPICAL CHARACTERISTICS
Figure 6
VI(IN1)
VO(OUT)
2V/Div
2V/Div
Auto Switchover Voltage Droop Test Circuit
t − Time − 250
µs/div
AUTO SWITCHOVER VOLTAGE DROOP
D0
D1
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2115A
0.1
µF
µ
0.1 F
50
Ω
5V
1k
Ω
400
Ω
3.3V 10 µF
VOUT
f = 220 Hz
20% Duty Cycle
STAT
75% less output voltage
droop compared to TPS2115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com