Electronic Components Datasheet Search
  English  ▼

X  

TPS2115APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115APWR
Description  AUTOSWITCHING POWER MUX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2115APWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2115APWR Datasheet HTML 1Page - Texas Instruments TPS2115APWR Datasheet HTML 2Page - Texas Instruments TPS2115APWR Datasheet HTML 3Page - Texas Instruments TPS2115APWR Datasheet HTML 4Page - Texas Instruments TPS2115APWR Datasheet HTML 5Page - Texas Instruments TPS2115APWR Datasheet HTML 6Page - Texas Instruments TPS2115APWR Datasheet HTML 7Page - Texas Instruments TPS2115APWR Datasheet HTML 8Page - Texas Instruments TPS2115APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS2114A
TPS2115A
SBVS044A − MARCH 2004 − REVISED MAY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, RILIM = 400 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TPS2114A
TPS2115A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
POWER SWITCH
(1)
TJ = 25°C,
VI(IN1) = VI(IN2) = 5.0 V
120
140
84
110
(1)
Drain-source
TJ = 25°C,
IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
120
140
84
110
m
Ω
rDS(on)(1)
Drain-source
on-state resistance
IL = 500 mA
VI(IN1) = VI(IN2) = 2.8 V
120
140
84
110
m
Ω
rDS(on)(1)
on-state resistance
(INx−OUT)
TJ = 125°C,
VI(IN1) = VI(IN2) = 5.0 V
220
150
(INx−OUT)
TJ = 125°C,
IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
220
150
m
Ω
IL = 500 mA
VI(IN1) = VI(IN2) = 2.8 V
220
150
m
(1) The TPS211xA can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this specific case,
the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (D0 AND D1)
VIH High-level input voltage
2
V
VIL Low-level input voltage
0.7
V
Input current at D0 or D1
D0 or D1 = High, sink current
1
µA
Input current at D0 or D1
D0 or D1 = Low, source current
0.5
1.4
5
µA
SUPPLY AND LEAKAGE CURRENTS
D1 = High, D0 = Low (IN1 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V,
IO(OUT) = 0 A
55
90
Supply current from IN1
D1 = High, D0 = Low (IN1 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
1
12
µA
Supply current from IN1
(operating)
D0 = D1 = Low (IN2 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V,
IO(OUT) = 0 A
75
µA
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
1
D1 = High, D0 = Low (IN1 active), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V,
IO(OUT) = 0 A
1
Supply current from IN2
D1 = High, D0 = Low (IN1 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
75
µA
Supply current from IN2
(operating)
D0 = D1 = Low (IN2 active), VI(IN1) = 5.5 V, VI(IN2)= 3.3 V,
IO(OUT) = 0 A
1
12
µA
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
55
90
Quiescent current from IN1
D0 = D1 = High (inactive), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V,
IO(OUT) = 0 A
0.5
2
µA
Quiescent current from IN1
(STANDBY)
D0 = D1 = High (inactive), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
1
µA
Quiescent current from IN2
D0 = D1 = High (inactive), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V,
IO(OUT) = 0 A
1
µA
Quiescent current from IN2
(STANDBY)
D0 = D1 = High (inactive), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V,
IO(OUT) = 0 A
0.5
2
µA
Forward leakage current from IN1
(measured from OUT to GND)
D0 = D1 = High (inactive), VI(IN1) = 5.5 V, IN2 open,
VO(OUT) = 0 V (shorted), TJ = 25°C
0.1
5
µA
Forward leakage current from IN2
(measured from OUT to GND)
D0 =D1= High (inactive), VI(IN2) = 5.5 V, IN1 open,
VO(OUT) = 0 V (shorted), TJ = 25°C
0.1
5
µA
Reverse leakage current to INx
(measured from INx to GND)
D0 = D1 = High (inactive), VI(INx) = 0 V, VO(OUT) = 5.5 V, TJ = 25°C
0.3
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com