Electronic Components Datasheet Search
  English  ▼

X  

TPS2115APWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115APWR
Description  AUTOSWITCHING POWER MUX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2115APWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2115APWR Datasheet HTML 9Page - Texas Instruments TPS2115APWR Datasheet HTML 10Page - Texas Instruments TPS2115APWR Datasheet HTML 11Page - Texas Instruments TPS2115APWR Datasheet HTML 12Page - Texas Instruments TPS2115APWR Datasheet HTML 13Page - Texas Instruments TPS2115APWR Datasheet HTML 14Page - Texas Instruments TPS2115APWR Datasheet HTML 15Page - Texas Instruments TPS2115APWR Datasheet HTML 16Page - Texas Instruments TPS2115APWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TPS2114A
TPS2115A
SBVS044A − MARCH 2004 − REVISED MAY 2004
www.ti.com
13
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
0
2040
6080
100
VI = 5 V
VI = 3.3 V
CL − Load Capacitance − µF
INRUSH CURRENT
vs
LOAD CAPACITANCE
STAT
D0
D1
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2115APW
0.1
µF
0.1
µF
VI
400
Ω
0.1
µF
47
µF
10
µF
50
Ω
To Oscilloscope
1
µF
100
µF
Figure 7
f = 28 Hz
90% Duty Cycle
Output Capacitor Inrush Current Test Circuit
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com