Electronic Components Datasheet Search
  English  ▼

X  

PCI4520 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI4520
Description  DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4520 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI4520 Datasheet HTML 35Page - Texas Instruments PCI4520 Datasheet HTML 36Page - Texas Instruments PCI4520 Datasheet HTML 37Page - Texas Instruments PCI4520 Datasheet HTML 38Page - Texas Instruments PCI4520 Datasheet HTML 39Page - Texas Instruments PCI4520 Datasheet HTML 40Page - Texas Instruments PCI4520 Datasheet HTML 41Page - Texas Instruments PCI4520 Datasheet HTML 42Page - Texas Instruments PCI4520 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 211 page
background image
3–2
3.2
I/O Characteristics
The PCI4520 device meets the ac specifications of the PC Card Standard (release 8.0) and PCI Local Bus
Specification. Figure 3–2 shows a 3-state bidirectional buffer. Section 11.2, Recommended Operating Conditions,
provides the electrical characteristics of the inputs and outputs.
Tied for Open Drain
OE
Pad
VCCP
Figure 3–2. 3-State Bidirectional Buffer
3.3
Clamping Voltages
The clamping voltages are set to match whatever external environment the PCI4520 device is interfaced with: 3.3 V
or 5 V. The I/O sites can be pulled through a clamping diode to a voltage rail that protects the core from external
signals. The core power supply is always 3.3 V and is independent of the clamping voltages. For example, PCI
signaling can be either 3.3 V or 5 V, and the PCI4520 device must reliably accommodate both voltage levels. This
is accomplished by using a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage applied. If a
system designer desires a 5-V PCI bus, then VCCP can be connected to a 5-V power supply.
3.4
Peripheral Component Interconnect (PCI) Interface
The PCI4520 device is fully compliant with the PCI Local Bus Specification. The PCI4520 device provides all required
signals for PCI master or slave operation, and may operate in either a 5-V or 3.3-V signaling environment by
connecting the VCCP terminals to the desired voltage level. In addition to the mandatory PCI signals, the PCI4520
device provides the optional interrupt signals INTA, INTB, and INTC.
3.4.1
1394 PCI Bus Master
As a bus master, the 1394 function of the PCI4520 device supports the memory commands specified in Table 3–1
below. The PCI master supports the memory read, memory read line, and memory read multiple commands. The
read command usage for read transactions of greater than two data phases are determined by the selection in bits
9–8 (MR_ENHANCE field) of the PCI miscellaneous configuration register (refer to Section 7.23 for details). For read
transactions of one or two data phases, a memory read command is used.
Table 3–1. PCI Bus Master Command Support
PCI
COMMAND
C/BE3–C/BE0
OHCI MASTER FUNCTION
Memory read
0110
DMA read from memory
Memory write
0111
DMA write to memory
Memory read multiple
1100
DMA read from memory
Memory read line
1110
DMA read from memory
Memory write and invalidate
1111
DMA write to memory
3.4.2
PCI GRST Signal
During the power-up sequence, GRST and PRST must be asserted. GRST can only be deasserted 100
µs after PCLK
is stable. PRST can be deasserted at the same time as GRST or any time thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com