Electronic Components Datasheet Search
  English  ▼

X  

PCI4520 Datasheet(PDF) 72 Page - Texas Instruments

Part # PCI4520
Description  DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4520 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI4520 Datasheet HTML 68Page - Texas Instruments PCI4520 Datasheet HTML 69Page - Texas Instruments PCI4520 Datasheet HTML 70Page - Texas Instruments PCI4520 Datasheet HTML 71Page - Texas Instruments PCI4520 Datasheet HTML 72Page - Texas Instruments PCI4520 Datasheet HTML 73Page - Texas Instruments PCI4520 Datasheet HTML 74Page - Texas Instruments PCI4520 Datasheet HTML 75Page - Texas Instruments PCI4520 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 211 page
background image
4–6
4.9
Header Type Register
The header type register returns 82h when read, indicating that the PCI4520 configuration spaces adhere to the
CardBus bridge PCI header. The CardBus bridge PCI header ranges from PCI registers 00h–7Fh, and 80h–FFh is
user-definable extension registers.
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
1
0
Register:
Header type
Offset:
0Eh (Functions 0 and 1)
Type:
Read-only
Default:
82h
4.10 BIST Register
Because the PCI4520 device does not support a built-in self-test (BIST), this register returns the value of 00h when
read.
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Offset:
0Fh (Functions 0 and 1)
Type:
Read-only
Default:
00h
4.11 CardBus Socket Registers/ExCA Base Address Register
This register is programmed with a base address referencing the CardBus socket registers and the memory-mapped
ExCA register set. Bits 31–12 are read/write, and allow the base address to be located anywhere in the 32-bit PCI
memory address space on a 4-Kbyte boundary. Bits 11–0 are read-only, returning 0s when read. When software
writes all 1s to this register, the value read back is FFFF F000h, indicating that at least 4K bytes of memory address
space are required. The CardBus registers start at offset 000h, and the memory-mapped ExCA registers begin at
offset 800h. The system maps each socket control register separately.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus socket registers/ExCA base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus socket registers/ExCA base address
Type
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus socket registers/ExCA base address
Offset:
10h
Type:
Read-only, Read/Write
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com