Electronic Components Datasheet Search
  English  ▼

X  

PCI4520 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI4520
Description  DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4520 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI4520 Datasheet HTML 45Page - Texas Instruments PCI4520 Datasheet HTML 46Page - Texas Instruments PCI4520 Datasheet HTML 47Page - Texas Instruments PCI4520 Datasheet HTML 48Page - Texas Instruments PCI4520 Datasheet HTML 49Page - Texas Instruments PCI4520 Datasheet HTML 50Page - Texas Instruments PCI4520 Datasheet HTML 51Page - Texas Instruments PCI4520 Datasheet HTML 52Page - Texas Instruments PCI4520 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 211 page
background image
3–12
Table 3–5. EEPROM Loading Map
SERIAL ROM
OFFSET
BYTE DESCRIPTION
FUNCTION 2 – 1394 OHCI
00h
PCI 3Fh, MaxLat, bits 7–4
PCI 3Eh, MinGnt, bits 3–0
01h
PCI 2Ch, subsystem vendor ID, byte 0
02h
PCI 2Dh, subsystem vendor ID, byte 1
03h
PCI 2Eh, subsystem ID, byte 0
04h
PCI 2Fh, subsystem ID, byte 1
05h
PCI F4h, Link_Enh, byte 0, bits 7, 2, 1
OHCI 50h, host controller control, bit 23
[7]
Link_Enh.
enab_unfair
[6]
HCControl.Program
Phy Enable
[5:3]
RSVD
[2]
Link_Enh,
bit 2
[1]
Link_Enh.
enab_accel
[0]
RSVD
06h
Mini-ROM addr, bits 6:5 are used to indicate that the MINI ROM is present
00b = No MINI ROM
01b = MINI ROM starts at offset 20h
10b = MINI ROM starts at offset 40h
11b = MINI ROM starts at offset 60h
07h
OHCI 24h, GUIDHi, byte 0
08h
OHCI 25h, GUIDHi, byte 1
09h
OHCI 26h, GUIDHi, byte 2
0Ah
OHCI 27h, GUIDHi, byte 3
0Bh
OHCI 28h, GUIDLo, byte 0
0Ch
OHCI 29h, GUIDLo, byte 1
0Dh
OHCI 2Ah, GUIDLo, byte 2
0Eh
OHCI 2Bh, GUIDLo, byte 3
0Fh
Checksum (Reserved—no bit loaded)
10h
PCI F5h, Link_Enh, byte 1, bits 7, 6, 5, 4
11h
PCI F0h, PCI miscellaneous, byte 0, bits 5, 4, 2, 1, 0
12h
PCI F1h, PCI miscellaneous, byte 1, bits 7, 2, 1, 0
13h
Reserved
14h
Reserved (CardBus CIS pointer)
15h
Reserved
16h
PCI ECh, PCI PHY control, bits 7, 3, 2, 1, 0
17h–1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com