Electronic Components Datasheet Search
  English  ▼

X  

ADL8150 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL8150
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL8150 Datasheet HTML 7Page - Analog Devices ADL8150 Datasheet HTML 8Page - Analog Devices ADL8150 Datasheet HTML 9Page - Analog Devices ADL8150 Datasheet HTML 10Page - Analog Devices ADL8150 Datasheet HTML 11Page - Analog Devices ADL8150 Datasheet HTML 12Page - Analog Devices ADL8150 Datasheet HTML 13Page - Analog Devices ADL8150 Datasheet HTML 14Page - Analog Devices ADL8150 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADL8150
Rev. 0 | Page 13 of 15
THEORY OF OPERATION
The ADL8150 is a self biased, single 5 V power supply amplifier.
RFIN is ac-coupled, and RFOUT/VCC requires an external bias tee.
Figure 40 shows the simplified block diagram.
RFOUT/VCC
RFIN
Figure 40. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com