Electronic Components Datasheet Search
  English  ▼

X  

ADL8150 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8150
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150 Datasheet(HTML) 2 Page - Analog Devices

  ADL8150 Datasheet HTML 1Page - Analog Devices ADL8150 Datasheet HTML 2Page - Analog Devices ADL8150 Datasheet HTML 3Page - Analog Devices ADL8150 Datasheet HTML 4Page - Analog Devices ADL8150 Datasheet HTML 5Page - Analog Devices ADL8150 Datasheet HTML 6Page - Analog Devices ADL8150 Datasheet HTML 7Page - Analog Devices ADL8150 Datasheet HTML 8Page - Analog Devices ADL8150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADL8150
Data Sheet
Rev. 0 | Page 2 of 15
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Frequency Range: 6 GHz to 7 GHz............................................ 3
Frequency Range: 7 GHz to 12 GHz.......................................... 3
Frequency Range: 12 GHz to 14 GHz........................................ 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Electrostatic Discharge (ESD) Ratings .......................................5
ESD Caution...................................................................................5
Pin Configuration and Function Descriptions..............................6
Interface Schematics .....................................................................6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 13
Applications Information .............................................................. 14
Biasing Procedures..................................................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
10/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com