Electronic Components Datasheet Search
  English  ▼

X  

ADL8150 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8150
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150 Datasheet(HTML) 3 Page - Analog Devices

  ADL8150 Datasheet HTML 1Page - Analog Devices ADL8150 Datasheet HTML 2Page - Analog Devices ADL8150 Datasheet HTML 3Page - Analog Devices ADL8150 Datasheet HTML 4Page - Analog Devices ADL8150 Datasheet HTML 5Page - Analog Devices ADL8150 Datasheet HTML 6Page - Analog Devices ADL8150 Datasheet HTML 7Page - Analog Devices ADL8150 Datasheet HTML 8Page - Analog Devices ADL8150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADL8150
Rev. 0 | Page 3 of 15
SPECIFICATIONS
FREQUENCY RANGE: 6 GHz TO 7 GHz
Collector bias voltage (VCC) = 5 V, supply current (ICQ) = 74 mA and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
7
GHz
GAIN
8
10.5
dB
Gain Flatness
±1.0
dB
Gain Variation over Temperature
0.033
dB/°C
NOISE FIGURE
4.8
dB
PHASE NOISE
−172
dBc/Hz
Measurement taken at 10 kHz offset from carrier
RETURN LOSS
Input
2
dB
Output
14
dB
OUTPUT
OP1dB
15.5
17.5
dBm
Saturated Output Power (PSAT)
20.5
dBm
OIP3
30
dBm
Measurement taken at output power (POUT) per
tone = 6 dBm
Output Second-Order Intercept (OIP2)
32
dBm
Measurement taken at POUT per tone = 6 dBm
SUPPLY
ICQ
74
mA
Self biased
VCC
3
5
6
V
FREQUENCY RANGE: 7 GHz TO 12 GHz
VCC = 5 V, ICQ = 74 mA and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
7
12
GHz
GAIN
10
12
dB
Gain Flatness
±0.5
dB
Gain Variation over Temperature
0.024
dB/°C
NOISE FIGURE
3.6
dB
PHASE NOISE
−172
dBc/Hz
Measurement taken at 10 kHz offset from carrier
RETURN LOSS
Input
7.5
dB
Output
8
dB
OUTPUT
OP1dB
16
18
dBm
PSAT
22
dBm
OIP3
30
dBm
Measurement taken at POUT per tone = 6 dBm
OIP2
44.5
dBm
Measurement taken at POUT per tone = 6 dBm
SUPPLY
ICQ
74
mA
Self biased
VCC
3
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com