Electronic Components Datasheet Search
  English  ▼

X  

ADRF5740 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5740 Datasheet HTML 1Page - Analog Devices ADRF5740 Datasheet HTML 2Page - Analog Devices ADRF5740 Datasheet HTML 3Page - Analog Devices ADRF5740 Datasheet HTML 4Page - Analog Devices ADRF5740 Datasheet HTML 5Page - Analog Devices ADRF5740 Datasheet HTML 6Page - Analog Devices ADRF5740 Datasheet HTML 7Page - Analog Devices ADRF5740 Datasheet HTML 8Page - Analog Devices ADRF5740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADRF5740
Rev. 0 | Page 5 of 13
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage
−0.3 V to +3.6 V
Negative Supply Voltage
−3.6 V to +0.3 V
Digital Control Input Voltage
−0.3 V to VDD + 0.3 V
RF Power1 (f = 100 MHz to 50 GHz,
TCASE = 85°C2)
Input at ATTIN
Steady State, Average
25 dBm
Steady State, Peak
25 dBm
Hot Switching, Average
25 dBm
Hot Switching, Peak
25 dBm
Input at ATTOUT
Steady State, Average
17 dBm
Steady State, Peak
17 dBm
Hot Switching, Average
17 dBm
Hot Switching, Peak
17 dBm
RF Power Under Unbiased Condition1
(VDD, VSS = 0 V)
Input at ATTIN
18 dBm
Input at ATTOUT
10 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow
260°C
Continuous Power Dissipation (PDISS)
0.25 W
1
For power derating over frequency, see Figure 2 and Figure 3. Applicable for
all ATTIN and ATTOUT power specifications.
2
For 105°C operation, the power handling degrades from the TCASE = 85°C
specifications by 3 dB.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ESDA/JEDEC
JS-002.
ESD Ratings for ADRF5740
Table 4. ADRF5740, 16-Terminal LGA
ESD Model
Withstand Threshold (V)
HBM
ATTIN and ATTOUT Pins
±250
Supply and Control Pins
±2000
FICDM
±1250
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 5. Thermal Resistance
Package Type
θJC1
Unit
CC-16-6
200
°C/W
1
θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
ground pad to the PCB. The ground pad is held constant at 85°C operating
temperature.
POWER DERATING CURVES
–16
–14
–12
–10
–8
–6
–4
–2
0
2
10k
1M
100M
10G
FREQUENCY (Hz)
ATTIN
ATTOUT
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
–16
–14
–12
–10
–8
–6
–4
–2
0
2
FREQUENCY (GHz)
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
ATTIN
ATTOUT
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com