Electronic Components Datasheet Search
  English  ▼

X  

ADRF5740 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5740 Datasheet HTML 2Page - Analog Devices ADRF5740 Datasheet HTML 3Page - Analog Devices ADRF5740 Datasheet HTML 4Page - Analog Devices ADRF5740 Datasheet HTML 5Page - Analog Devices ADRF5740 Datasheet HTML 6Page - Analog Devices ADRF5740 Datasheet HTML 7Page - Analog Devices ADRF5740 Datasheet HTML 8Page - Analog Devices ADRF5740 Datasheet HTML 9Page - Analog Devices ADRF5740 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADRF5740
Data Sheet
Rev. 0 | Page 6 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO THE RF AND DC GROUND
OF THE PCB.
VDD
D4
VSS
GND
ATTOUT
1
D5
2
GND
3
ATTIN
4
12
11
10
9
6
5
7
8
16
15
14
13
ADRF5740
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D4
Parallel Control Input for 8 dB Attenuator Bit. See the Theory of Operation section for more information.
2
D5
Parallel Control Input for 8 dB Attenuator Bit. See the Theory of Operation section for more information.
3, 5 to 8, 10, 14
GND
Ground. The GND pins must be connected to the RF and dc ground of the PCB.
4
ATTIN
Attenuator Input. The ATTIN pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking
capacitor is necessary when the RF line potential is equal to 0 V dc.
9
ATTOUT
Attenuator Output. The ATTOUT pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking
capacitor is necessary when the RF line potential is equal to 0 V dc.
11
VSS
Negative Supply Input.
12
VDD
Positive Supply Input.
13
LE
Latch Enable Input. See the Theory of Operation section for more information.
15
D2
Parallel Control Input for 2 dB Attenuator Bit. See the Theory of Operation section for more information.
16
D3
Parallel Control Input for 4 dB Attenuator Bit. See the Theory of Operation section for more information.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground of the PCB.
INTERFACE SCHEMATICS
ATTIN,
ATTOUT
Figure 5. ATTIN and ATTOUT Interface
VDD
VDD
VDD
330kΩ
LE, D2, D3,
D4, D5
Figure 6. Digital Input Interface (LE, D2, D3, D4, D5)
VDD
GND
GND
CLAMP
Figure 7. VDD Pin Interface Schematic
VSS
GND
GND
CLAMP
Figure 8. VSS Pin Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com