Electronic Components Datasheet Search
  English  ▼

X  

ADRF5740 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5740 Datasheet HTML 5Page - Analog Devices ADRF5740 Datasheet HTML 6Page - Analog Devices ADRF5740 Datasheet HTML 7Page - Analog Devices ADRF5740 Datasheet HTML 8Page - Analog Devices ADRF5740 Datasheet HTML 9Page - Analog Devices ADRF5740 Datasheet HTML 10Page - Analog Devices ADRF5740 Datasheet HTML 11Page - Analog Devices ADRF5740 Datasheet HTML 12Page - Analog Devices ADRF5740 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
ADRF5740
Rev. 0 | Page 9 of 13
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 19. Input P0.1dB vs. Frequency (Major States Only)
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 20. Input IP3 vs. Frequency (Major States Only)
0
5
10
15
20
25
30
10k
1M
100M
10G
FREQUENCY (Hz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 21. Input P0.1dB vs. Frequency (Major States Only), Low Frequency Detail
0
10
20
30
40
50
60
70
10k
100k
1M
10M
100M
1G
10G
100G
FREQUENCY (Hz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 22. Input IP3 vs. Frequency (Major States Only), Low Frequency Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com