Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7103
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 3Page - Analog Devices LTC7103 Datasheet HTML 4Page - Analog Devices LTC7103 Datasheet HTML 5Page - Analog Devices LTC7103 Datasheet HTML 6Page - Analog Devices LTC7103 Datasheet HTML 7Page - Analog Devices LTC7103 Datasheet HTML 8Page - Analog Devices LTC7103 Datasheet HTML 9Page - Analog Devices LTC7103 Datasheet HTML 10Page - Analog Devices LTC7103 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTC7872
7
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VHIGH = 48V, VRUN = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPI Interface Timing Characteristics (Refer to Timing Diagram in Figure 9 and 10)
tCKH
SCLK High Time
45
ns
tCSS
CSB Setup Time
40
ns
tCSH
CSB High Time
60
ns
tCS
SDI to SCLK Setup Time
40
ns
tCH
SDI to SCLK Hold Time
20
ns
tDO
SCLK to SDO Time
90
ns
tC%
SCLK Duty Cycle
45
50
55
%
fSCLK(MAX)
Maximum SCLK Frequency
5
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7872 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC7872E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC7872I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC7872J is guaranteed over the –40°C to 150°C
operating junction temperature range. The LTC7872H is guaranteed
over the full –40°C to 150°C operating junction temperature range. High
junction temperature degrades operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 36°C/W)
Note 4: The LTC7872 is tested in a feedback loop that servos VITHHIGH
and VITHLOW to a specified voltage and measures the resultant VFBHIGH,
VFBLOW, respectively.
Note 5: Dynamic supply current may be higher due to the loading current
at DRVCC linear regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com