Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC7103
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 13Page - Analog Devices LTC7103 Datasheet HTML 14Page - Analog Devices LTC7103 Datasheet HTML 15Page - Analog Devices LTC7103 Datasheet HTML 16Page - Analog Devices LTC7103 Datasheet HTML 17Page - Analog Devices LTC7103 Datasheet HTML 18Page - Analog Devices LTC7103 Datasheet HTML 19Page - Analog Devices LTC7103 Datasheet HTML 20Page - Analog Devices LTC7103 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LTC7872
17
Rev. 0
For more information www.analog.com
immediately when the regulated VFBLOW/VFBHIGH volt-
age is within ±10% of the reference window. However,
there is an internal 40µs power bad mask when regulated
VFBLOW/VFBHIGH voltage goes out of the ±10% window.
The PGOOD pin is allowed to be pulled up by an external
resistor to sources of up to 6V.
Programmable VHIGH, VLOW Margining
As shown in the Figure 1, the LTC7872 has a SPI con-
trolled 7-bit D/A converter current source. Through the
SPI interface, the LTC7872 receives a 7-bit DAC code and
converts this value to a bidirectional analog output cur-
rent. The current is connected to the VFBLOW pin in buck
mode or the VFBHIGH pin in boost mode. By connecting
the DAC current to the feedback node of a voltage regula-
tor, in buck mode, VLOW voltage is programmed with the
equation:
VLOW = 1.2V • (1 + RB/RA) – IDAC • RB
In boost mode, VHIGH voltage is programmed with
the equation:
VHIGH = 1.2V • (1 + RD/RC) – IDAC • RD
There are two different registers for VLOW and VHIGH pro-
gramming, MFR_IDAC_VLOW and MFR_IDAC_VHIGH.
The current DAC selects the register value based on the
buck or boost mode. The current DAC’s LSB is 1µA. The
MSB determines the current direction. When MSB is 0,
IDAC is sourcing current (reducing VLOW or VHIGH), which
is positive current flowing out of the feedback pin. When
MSB is 1, IDAC is sinking current (increasing VLOW or
VHIGH), which is negative current flowing into the feed-
back pin.
Figure 1.
CURRENT DAC
7872 F01
RB
RA
IDAC
BUCK MODE
BOOST MODE
VFBLOW
VLOW
RD
RC
VFBHIGH
VHIGH
IDAC
Current DAC for VLOW/VHIGH Programming
To defeat the average current programming operation,
tie the SETCUR pin to V5 or voltage higher than 1.25V.
Buck and Boost Modes (BUCK Pin)
The LTC7872 can be dynamically and seamlessly switched
from buck mode to boost mode and vice versa via the
BUCK pin. Tie this pin to V5 to select buck mode and
to ground to select boost mode operation. This pin has
an internal pull up resistor that defaults to buck mode if
left floating. There are two separate error amplifiers for
VHIGH or VLOW regulation. Having two error amplifiers
allows fine tuning of the loop compensation for the buck
and boost modes independently to optimize transient
response. When buck mode is selected, the correspond-
ing error amplifier is enabled, and ITHLOW voltage con-
trols the peak inductor current. The other error amplifier
is disabled and ITHHIGH is parked at its zero current level.
In boost mode, ITHHIGH is enabled while ITHLOW is parked
at its zero current level. During a buck to boost or a boost
to buck transition, the internal soft-start is reset. Resetting
soft-start and parking the ITH pin at the zero current level
ensures a smooth transition to the newly selected mode.
Refer to Table 2 for a summary.
To further minimize any transients, SETCUR can be pro-
grammed to zero current level before switching between
boost and buck modes.
Table 2. ITH PIN Parking Conditions
Pin
Mode When Parked Comments
ITHHIGH
Buck
Normal
Operation
OVHIGH 2.4V Threshold Overrides Park
Boost
Prebiased
Turn-on
OVHIGH 2.4V Threshold Overrides Park
ITHLOW
Buck
Prebiased
Turn-on
OVHIGH 2.4V Threshold and OVLOW
Override Park
Boost
Normal
Operation
OVHIGH 2.4V Threshold Overrides Park
Power Good (PGOOD Pin)
When the regulated VFBLOW/VFBHIGH voltage is not within
±10% of the 1.2V reference voltage, the PGOOD pin is
pulled low. The PGOOD pin is also pulled low when the
RUN pin is below 1.2V or when the LTC7872 is in the
soft-start or UVLO. The PGOOD pin will flag power good
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com