Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC7103
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 4Page - Analog Devices LTC7103 Datasheet HTML 5Page - Analog Devices LTC7103 Datasheet HTML 6Page - Analog Devices LTC7103 Datasheet HTML 7Page - Analog Devices LTC7103 Datasheet HTML 8Page - Analog Devices LTC7103 Datasheet HTML 9Page - Analog Devices LTC7103 Datasheet HTML 10Page - Analog Devices LTC7103 Datasheet HTML 11Page - Analog Devices LTC7103 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC7872
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency Buck Mode
Power Loss Buck Mode
Efficiency Boost Mode
Power Loss Boost Mode
SS Pin Pull-Up Current
vs Temperature
RUN Pin Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Undervoltage Lockout
Threshold (V5) vs Temperature
TA = 25°C, unless otherwise noted.
VHIGH = 48V
VLOW = 12V
FIGURE 18 CIRCUIT
LOAD CURRENT (A)
1
10
100 200
60
65
70
75
80
85
90
95
100
Efficiency Buck Mode
7872 G01
VHIGH = 48V
VLOW = 12V
FIGURE 18 CIRCUIT
LOAD CURRENT (A)
1
10
100 200
0
10
20
30
40
50
Power Loss Buck Mode
7872 G02
VHIGH = 48V
VLOW = 12V
FIGURE 18 CIRCUIT
LOAD CURRENT (A)
0.1
1
10
30
60
65
70
75
80
85
90
95
100
Efficiency Boost Mode
7872 G03
VHIGH = 48V
VLOW = 12V
FIGURE 18 CIRCUIT
LOAD CURRENT (A)
0.1
1
10
30
0
10
20
30
40
Power Loss Boost Mode
7872 G04
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0
0.4
0.8
1.2
1.6
2.0
Temperature
7872 G05
ON
OFF
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0.9
1.0
1.1
1.2
1.3
1.4
1.5
RUN Pin Threshold vs Temperature
7872 G06
VFBLOW
VFBHIGH
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
1.194
1.196
1.198
1.200
1.202
1.204
1.206
7872 G07
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
200
220
240
260
280
300
Temperature
7872 G08
RISING
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
4.0
4.2
4.4
4.6
4.8
5.0
7872 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com