Electronic Components Datasheet Search
  English  ▼

X  

Z8F3201 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z8F3201
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3201 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z8F3201 Datasheet HTML 29Page - Zilog, Inc. Z8F3201 Datasheet HTML 30Page - Zilog, Inc. Z8F3201 Datasheet HTML 31Page - Zilog, Inc. Z8F3201 Datasheet HTML 32Page - Zilog, Inc. Z8F3201 Datasheet HTML 33Page - Zilog, Inc. Z8F3201 Datasheet HTML 34Page - Zilog, Inc. Z8F3201 Datasheet HTML 35Page - Zilog, Inc. Z8F3201 Datasheet HTML 36Page - Zilog, Inc. Z8F3201 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 246 page
background image
PS017610-0404
Signal and Pin Descriptions
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
15
Pin Characteristics
Table 3 provides detailed information on the characteristics for each pin available on the
Z8F640x family products. Data in Table 3 is sorted alphabetically by the pin symbol mne-
monic.
Reset
RESET
I
RESET. Generates a Reset when asserted (driven Low).
Power Supply
VDD
I
Power Supply.
AVDD
I
Analog Power Supply.
VSS
I
Ground.
AVSS
I
Analog Ground.
Table 3. Pin Characteristics of the
Z8F640x family
Symbol
Mnemonic
Direction
Reset
Direction
Active Low
or
Active High
Tri-State
Output
Internal
Pull-up or
Pull-down
Schmitt
Trigger
Input
Open Drain
Output
AVSS
N/A
N/A
N/A
N/A
No
No
N/A
AVDD
N/A
N/A
N/A
N/A
No
No
N/A
DBG
I/O
I
N/A
Yes
No
Yes
Yes
VSS
N/A
N/A
N/A
N/A
No
No
N/A
PA[7:0]
I/O
I
N/A
Yes
No
Yes
Yes,
Programmable
PB[7:0]
I/O
I
N/A
Yes
No
Yes
Yes,
Programmable
PC[7:0]
I/O
I
N/A
Yes
No
Yes
Yes,
Programmable
PD[7:0]
I/O
I
N/A
Yes
No
Yes
Yes,
Programmable
PE7:0]
I/O
I
N/A
Yes
No
Yes
Yes,
Programmable
x represents integer 0, 1,... to indicate multiple pins with symbol mnemonics that differ only by the integer
Table 2. Signal Descriptions (Continued)
Signal Mnemonic
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com