Electronic Components Datasheet Search
  English  ▼

X  

Z8F3201 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z8F3201
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3201 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z8F3201 Datasheet HTML 42Page - Zilog, Inc. Z8F3201 Datasheet HTML 43Page - Zilog, Inc. Z8F3201 Datasheet HTML 44Page - Zilog, Inc. Z8F3201 Datasheet HTML 45Page - Zilog, Inc. Z8F3201 Datasheet HTML 46Page - Zilog, Inc. Z8F3201 Datasheet HTML 47Page - Zilog, Inc. Z8F3201 Datasheet HTML 48Page - Zilog, Inc. Z8F3201 Datasheet HTML 49Page - Zilog, Inc. Z8F3201 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 246 page
background image
PS017610-0404
Reset and Stop Mode Recovery
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
28
threshold voltage, VVBO) and forces the device into the Reset state. While the supply volt-
age remains below the Power-On Reset voltage threshold (VPOR), the VBO block holds
the Z8F640x family device in the Reset state.
After the supply voltage again exceeds the Power-On Reset voltage threshold, the
Z8F640x family device progresses through a full System Reset sequence, as described in
the Power-On Reset section. Following Power-On Reset, the POR status bit in the Watch-
Dog Timer Control (WDTCTL) register is set to 1. Figure 63 illustrates Voltage Brown-
Out operation. Refer to the Electrical Characteristics chapter for the VBO and POR
threshold voltages (VVBO and VPOR).
Stop mode disables the Voltage Brown-Out detector.
Figure 63. Voltage Brown-Out Reset Operation (not to scale)
Watch-Dog Timer Reset
If the device is in normal or Halt mode, the Watch-Dog Timer can initiate a System Reset
at time-out if the WDT_RES Option Bit is set to 1. This is the default (unprogrammed) set-
ting of the WDT_RES Option Bit. The WDT status bit in the WDT Control register is set to
signify that the reset was initiated by the Watch-Dog Timer.
VCC = 3.3V
VPOR
VVBO
Internal RESET
signal
Program
Execution
Program
Execution
Voltage
Brownout
VCC = 3.3V
Crystal Oscillator
XOUT
WDT Clock
XTAL
POR
counter delay
counter delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com