Electronic Components Datasheet Search
  English  ▼

X  

Z8F3201 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z8F3201
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3201 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z8F3201 Datasheet HTML 41Page - Zilog, Inc. Z8F3201 Datasheet HTML 42Page - Zilog, Inc. Z8F3201 Datasheet HTML 43Page - Zilog, Inc. Z8F3201 Datasheet HTML 44Page - Zilog, Inc. Z8F3201 Datasheet HTML 45Page - Zilog, Inc. Z8F3201 Datasheet HTML 46Page - Zilog, Inc. Z8F3201 Datasheet HTML 47Page - Zilog, Inc. Z8F3201 Datasheet HTML 48Page - Zilog, Inc. Z8F3201 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 246 page
background image
PS017610-0404
Reset and Stop Mode Recovery
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
27
Power-On Reset
The Z8F640x family products contain an internal Power-On Reset (POR) circuit. The
POR circuit monitors the supply voltage and holds the device in the Reset state until the
supply voltage reaches a safe operating level. After the supply voltage exceeds the POR
voltage threshold (VPOR), the POR Counter is enabled and counts 514 cycles of the
Watch-Dog Timer oscillator. After the POR counter times out, the XTAL Counter is
enabled to count a total of 16 system clock pulses. The Z8F640x family device is held in
the Reset state until both the POR Counter and XTAL counter have timed out. After the
device exits the Power-On Reset state, the eZ8 CPU fetches the Reset vector. Following
Power-On Reset, the POR status bit in the Watch-Dog Timer Control (WDTCTL) register
is set to 1.
Figure 62 illustrates Power-On Reset operation. Refer to the Electrical Characteristics
chapter for the POR threshold voltage (VPOR).
Figure 62. Power-On Reset Operation (not to scale)
Voltage Brown-Out Reset
The devices in the Z8F640x family provide low Voltage Brown-Out (VBO) protection.
The VBO circuit senses when the supply voltage drops to an unsafe level (below the VBO
VCC = 0.0V
VCC = 3.3V
VPOR
VVBO
Crystal Oscillator
XOUT
Internal RESET
signal
Program
Execution
Oscillator
Start-up
XTAL
WDT Clock
POR
counter delay
counter delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com