Electronic Components Datasheet Search
  English  ▼

X  

38N Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # 38N
Description  I/O RELAY CARD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38N Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button 38N Datasheet HTML 2Page - M-System Co.,Ltd. 38N Datasheet HTML 3Page - M-System Co.,Ltd. 38N Datasheet HTML 4Page - M-System Co.,Ltd. 38N Datasheet HTML 5Page - M-System Co.,Ltd. 38N Datasheet HTML 6Page - M-System Co.,Ltd. 38N Datasheet HTML 7Page - M-System Co.,Ltd. 38N Datasheet HTML 8Page - M-System Co.,Ltd. 38N Datasheet HTML 9Page - M-System Co.,Ltd. 38N Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ES-4561 Rev.4
P. 9 / 10
<MOTOR DRIVE I/O RELAY CARD >
12
3 4
LED (orange)
SW1
LED (red)
4–M3.5 SCREWS
23 (.91)
MODEL & SUFFIX CODE SELECTION
38N2–3
MODEL
INPUT
Dry contact or open collector
OUTPUT
Relay contact
FUNCTION
3 : Motor drive use
ORDERING INFORMATION
Specify code number. (e.g. 38N2-3)
GENERAL SPECIFICATIONS
Construction: rack mounted; terminal access via
screw terminals at the front and via
connector at the rear
Connection
Input:
M3.5 screw terminals
DCS I/O: card-edge connector
Output: M3.5 screw terminals
Power input: supplied from card-edge connector
Screw terminal material: nickel-plated steel
(torque 0.8 N·m)
Isolation:
DCS output or power or feedback input
to motor drive to DCS input
Indicator LED: orange light turns on when the motor
is started up.
red light turns on when the feedback
input is turned on.
INPUT
■FEEDBACK INPUT: dry contact or open collector
Contact detecting: 24V DC, approx. 35mA
■DCS STATUS OUTPUT: dry contact or open collector
Contact detecting: 24V DC, approx. 60mA
OUTPUT
■MOTOR DRIVE OUTPUT: relay contact
Rated load: 250V AC @3A (cosø=1)
30V DC @3A (resistive load)
Relay protection: For maximum relay life with
inductive loads (e.g. coil), external
protection including noise quenching is
recommended.
■DCS STATUS INPUT: relay contact
Rated load: 30V DC @3A (resistive load)
INSTALLATION
Power input: 24V DC ±10%, approx. 95mA
(ripple 10% p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: Standard Rack 38N-B❑
Dimensions: W23×H149×D102 mm
(0.91"×5.87"×4.02")
Weight:
150 g (0.33 lbs)
PERFORMANCE
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 1000V AC @1 minute
Relay life: mechanical life 5 × 107 cycles
electrical life 105 cycles
(30 cycles/min. at rated load)
FRONT VIEW mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com