Electronic Components Datasheet Search
  English  ▼

X  

38N Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 38N
Description  I/O RELAY CARD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38N Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 38N Datasheet HTML 2Page - M-System Co.,Ltd. 38N Datasheet HTML 3Page - M-System Co.,Ltd. 38N Datasheet HTML 4Page - M-System Co.,Ltd. 38N Datasheet HTML 5Page - M-System Co.,Ltd. 38N Datasheet HTML 6Page - M-System Co.,Ltd. 38N Datasheet HTML 7Page - M-System Co.,Ltd. 38N Datasheet HTML 8Page - M-System Co.,Ltd. 38N Datasheet HTML 9Page - M-System Co.,Ltd. 38N Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
38N
ES-4561 Rev.4
Specifications subject to change without notice.
P. 10 / 10
OPERATIONS
Feedback
Motor Drive
t = 2.5 to 5 sec.
DCS Output
t
t
t
DCS
SW1
OFF
ON
X1
X3
X2
POWER
DCS
SW1
4
2
1
3
MOTOR DRIVE
FEEDBACK
One-Shot
Relay Driver
M
DCS
OUTPUT
DCS
INPUT
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com