Electronic Components Datasheet Search
  English  ▼

X  

AT24C256SC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C256SC
Description  Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256SC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C256SC Datasheet HTML 1Page - ATMEL Corporation AT24C256SC Datasheet HTML 2Page - ATMEL Corporation AT24C256SC Datasheet HTML 3Page - ATMEL Corporation AT24C256SC Datasheet HTML 4Page - ATMEL Corporation AT24C256SC Datasheet HTML 5Page - ATMEL Corporation AT24C256SC Datasheet HTML 6Page - ATMEL Corporation AT24C256SC Datasheet HTML 7Page - ATMEL Corporation AT24C256SC Datasheet HTML 8Page - ATMEL Corporation AT24C256SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
1661B–SEEPR–04/04
Features
• Low-voltage and Standard-voltage Operation, V
CC = 2.7V to 5.5V
• Internally Organized 16,384 x 8 and 32,768 x 8
• 2-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bi-directional Data Transfer Protocol
• 1 MHz (5V) and 400 kHz (2.7V) Compatibility
• 64-byte Page Write Mode (Partial Page Writes Allowed)
• Self-timed Write Cycle (5 ms Typical)
• High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 40 Years
– ESD Protection: > 4000V
Description
The AT24C128SC/256SC provides 131,072/262,144 bits of serial electrically erasable
and programmable read only memory (EEPROM) organized as 16,384/32,768 words
of 8 bits each. The devices are optimized for use in smart card applications where low-
power and low-voltage operation may be essential. The devices are available in sev-
eral standard ISO 7816 smart card modules (see Ordering Information). All devices
are functionally equivalent to Atmel Serial EEPROM products offered in standard IC
packages (PDIP, SOIC, TSSOP, dBGA), with the exception of the slave address and
Write Protect functions which are not required for smart card applications.
Table 1. Pin Configurations
Figure 1. Card Module Contact
Pad Name
Description
ISO Module Contact
VCC
Power Supply Voltage
C1
GND
Ground
C5
SCL
Serial Clock Input
C3
SDA
Serial Data Input/Output
C7
NC
No Connect
C2, C4, C6, C8
VCC
NC
Two-wire Serial
EEPROM Smart
Card Modules
128K (16,384 x 8)
256 (32,768 x 8)
AT24C128SC
AT24C256SC


Similar Part No. - AT24C256SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256SC ATMEL-AT24C256SC_14 Datasheet
254Kb / 13P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C256SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
Two-wire Serial EEPROM 256K (32,768 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
Two-wire Serial EEPROM 256K (32,768 x 8)
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com