Electronic Components Datasheet Search
  English  ▼

X  

AT24C256SC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C256SC
Description  Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256SC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C256SC Datasheet HTML 1Page - ATMEL Corporation AT24C256SC Datasheet HTML 2Page - ATMEL Corporation AT24C256SC Datasheet HTML 3Page - ATMEL Corporation AT24C256SC Datasheet HTML 4Page - ATMEL Corporation AT24C256SC Datasheet HTML 5Page - ATMEL Corporation AT24C256SC Datasheet HTML 6Page - ATMEL Corporation AT24C256SC Datasheet HTML 7Page - ATMEL Corporation AT24C256SC Datasheet HTML 8Page - ATMEL Corporation AT24C256SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
AT24C128SC/AT24C256SC
1661B–SEEPR–04/04
Pin Capacitance
Note:
This parameter is characterized and is not 100% tested.
DC Characteristics
Note:
1. Applicable over recommended operating range from: TAC = 0°C to +70°C, VCC = +2.7V to +5.5V (unless otherwise noted).
2. V
IL min and VIH max are reference only and are not tested.
Table 2. Pin Capacitance
(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +2.7V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (SCL)
6
pF
VIN = 0V
Table 3. DC Characteristics
(1)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
5.5
V
ICC1
Supply Current
VCC = 5.0V
Read at 400 kHz
1.0
2.0
mA
ICC2
Supply Current
VCC = 5.0V
Write at 400 kHz
2.0
3.0
mA
I
SB
Standby Current)
V
CC = 2.7V
VIN = VCC or GND
2.0
µA
V
CC = 5.5V
6.0
I
LI
Input Leakage Current
V
IN = VCC or GND
0.10
3.0
µA
ILO
Output Leakage
Current
VOUT = VCC or GND
0.05
3.0
µA
VIL
Input Low Level
(2)
−0.6
VCC x 0.3
V
V
IH
Input High Level
(2)
V
CC x 0.7
V
CC + 0.5
V
V
OL
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com