Electronic Components Datasheet Search
  English  ▼

X  

AT24C256SC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C256SC
Description  Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256SC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C256SC Datasheet HTML 1Page - ATMEL Corporation AT24C256SC Datasheet HTML 2Page - ATMEL Corporation AT24C256SC Datasheet HTML 3Page - ATMEL Corporation AT24C256SC Datasheet HTML 4Page - ATMEL Corporation AT24C256SC Datasheet HTML 5Page - ATMEL Corporation AT24C256SC Datasheet HTML 6Page - ATMEL Corporation AT24C256SC Datasheet HTML 7Page - ATMEL Corporation AT24C256SC Datasheet HTML 8Page - ATMEL Corporation AT24C256SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AT24C128SC/AT24C256SC
1661B–SEEPR–04/04
AC Characteristics
Notes:
1. Applicable over recommended operating range from TA = 0°C to +70°C, VCC = +2.7V to +5.5V, CL = 100 pF (unless other-
wise noted). Test conditions are listed in Note 3.
2. This parameter is characterized and is not 100% tested.
3. AC measurement conditions:
R
L (connects to VCC): 1.3 kΩ (2.7V, 5V),
Input pulse voltages: 0.3VCC to 0.7VCC
Input rise and fall times:
≤ 50ns
Input and output timing reference voltages: 0.5VCC
Table 4. AC Characteristics
(1)
Symbol
Parameter
2.7-volt
5.0-volt
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.3
0.4
µs
t
HIGH
Clock Pulse Width High
0.6
0.4
µs
t
AA
Clock Low to Data Out Valid
0.05
0.9
0.05
0.55
µs
tBUF
Time the bus must be free before a new
transmission can start
(2)
1.3
0.5
µs
tHD.STA
Start Hold Time
0.6
0.25
µs
tSU.STA
Start Set-up Time
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Set-up Time
100
100
ns
t
R
Inputs Rise Time
(2)
0.3
0.3
µs
tF
Inputs Fall Time
(2)
300
100
ns
tSU.STO
Stop Set-up Time
0.6
0.25
µs
tDH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
5
5
ms
Endurance
(2)
25°C, Page Mode
1M
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com