Electronic Components Datasheet Search
  English  ▼

X  

GS12190 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS12190
Description  Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12190 Datasheet(HTML) 1 Page - Semtech Corporation

  GS12190 Datasheet HTML 1Page - Semtech Corporation GS12190 Datasheet HTML 2Page - Semtech Corporation GS12190 Datasheet HTML 3Page - Semtech Corporation GS12190 Datasheet HTML 4Page - Semtech Corporation GS12190 Datasheet HTML 5Page - Semtech Corporation GS12190 Datasheet HTML 6Page - Semtech Corporation GS12190 Datasheet HTML 7Page - Semtech Corporation GS12190 Datasheet HTML 8Page - Semtech Corporation GS12190 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
1 of 121
Semtech
Proprietary & Confidential
GS12190
Final Data Sheet
Rev.3
PDS-061916
May 2020
GS12190
Bidirectional 12G UHD-SDI Reclocking
Adaptive Cable Equalizer/Cable Driver
www.semtech.com
Key Features
•
Single bidirectional 75Ω cable interface with on-chip
termination
•
On-die connection between equalizer and cable
•
SMPTE ST 2082-1, ST 2081-1, ST 424, ST 292-1 and ST
259 compliant input/output
•
Multi-standard operation from 1Mb/s to 11.88Gb/s
•
Supports reclocking for DVB-ASI at 270Mb/s and MADI
at 125Mb/s
•
3D Input Signal Eye Monitor
•
PRBS Generator and Checker
•
Automatic cable equalization. Typical equalized cable
lengths of Belden 1694A cable:
70m at 11.88Gb/s
90m at 5.94Gb/s
170m at 2.97Gb/s
240m at 1.485Gb/s
400m at 270Mb/s
•
Cable Equalizer Mode Features:
Improved reach with stress patterns
Manual or automatic power-down on loss of signal
Programmable carrier detect with squelch
threshold adjustment
Manual and automatic Cable Equalizer Bypass
•
Cable Driver Mode Features:
Wide swing control
Pre-emphasis to compensate for significant
insertion loss between device output and BNC
Manual or automatic power-down on loss of signal
Manual or automatic Mute or Disable on LOS
•
Trace Equalizer Features:
Integrated 100Ω differential input termination
Manual or automatic power-down on loss of signal
Adjustable carrier detect threshold
DC-coupling from 1.2V to 2.5V CML logic
Trace Equalization to compensate for up to 20” FR4
at 11.88Gb/s
Automatic input offset compensation
•
Trace Driver Features:
Integrated 100Ω differential output termination
DC-coupling from 1.2V to 2.5V CML logic
Trace Driver data output pre-emphasis to
compensate for up to 20” FR4 at 11.88Gb/s
Manual or automatic Mute or Disable on LOS
•
Reclocker features:
Manual or automatic rate modes
Manual or automatic Reclocker Bypass
Wide-range Loop Bandwidth control
Reclocking at the following data rates: 125Mb/s,
270Mb/s, 1.485Gb/s, 2.97Gb/s, 5.94Gb/s, and
11.88Gb/s. This includes the f/1.001 rates.
•
Additional Features:
Single 1.8V power supply for analogue and digital
core
2.5V for Cable Driver output supply
1.2V, 1.8V, or 2.5V for Trace Driver output supply
GSPI serial control and monitoring interface
Four configurable GPIO pins for control or status
monitoring
Wide operating temperature range: -40ºC to +85ºC
Small 6mm x 4mm 40-pin QFN
Pin compatible with the GS12090 and GS3590
Pb-free, Halogen-free, RoHS / WEEE compliant
Applications
Next-generation 12G UHD-SDI infrastructures designed to
support UHDTV1, UHDTV2, 4K D-Cinema and 3D HFR and
HDR production image formats. Typical applications:
Cameras, Switchers, Distribution Amplifiers and Routers.


Similar Part No. - GS12190

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INE3 SEMTECH-GS12141-INE3 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INTE3 SEMTECH-GS12141-INTE3 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
More results

Similar Description - GS12190

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com