Electronic Components Datasheet Search
  English  ▼

X  

GS12190 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS12190
Description  Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12190 Datasheet(HTML) 2 Page - Semtech Corporation

  GS12190 Datasheet HTML 1Page - Semtech Corporation GS12190 Datasheet HTML 2Page - Semtech Corporation GS12190 Datasheet HTML 3Page - Semtech Corporation GS12190 Datasheet HTML 4Page - Semtech Corporation GS12190 Datasheet HTML 5Page - Semtech Corporation GS12190 Datasheet HTML 6Page - Semtech Corporation GS12190 Datasheet HTML 7Page - Semtech Corporation GS12190 Datasheet HTML 8Page - Semtech Corporation GS12190 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 121 page
background image
GS12190
Final Data Sheet
Rev.3
PDS-061916
May 2020
2 of 121
Semtech
Proprietary & Confidential
www.semtech.com
Description
The GS12190 is a low-power, configurable multi-rate
reclocking Cable Equalizer/Cable Driver supporting rates
up to 12G UHD-SDI. It can be configured to equalize or drive
signals over 75Ω coaxial cable. It includes DC restoration to
compensate for the DC content of SMPTE pathological test
patterns. Since the GS12190 is a reclocking device,
extremely low output jitter is achievable even at extended
cable/trace lengths.
The integrated Eye Monitor provides non-disruptive
mission mode analysis of the post-equalized input signal.
The 256x128 resolution scan matrix allows accurate signal
analysis to speed-up prototyping and enable field analysis.
Built-in macros enable customizable cross section analysis
and quick horizontal and vertical eye opening
measurements.
With high phase consistency between scans and
configurable space and time thresholds, algorithms can be
deployed in the field to analyse long-term signal quality
variation (Bathtub Plot) to reduce costly system installation
debug time for intermittent errors.
Each output has highly-configurable pre-emphasis and
swing controls to compensate for long trace and connector
losses.
Additionally, automatic and user selectable output slew
rate control is provided for the Cable Driver output.
The GS12190 is pin compatible with the GS12090 and
GS3590 Bidirectional 3G-SDI Reclocking Adaptive Cable
Equalizer/Cable Driver.
GS12190 Functional Block Diagram
Cable
Equalizer
Cable
Driver
SDIO
Trace
Driver
Trace
Equalizer
Reclocker
Slicer
Eye Monitor
Selector
Selector
DDI
DDO
Control & Status
CS
SCLK
SDIN
SDOUT
GPIO1
GPIO2 GPIO3
GPIO4
Pre-emphasis
Pre-emphasis
PRBS Checker
PRBS
Generator
Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com