Electronic Components Datasheet Search
  English  ▼

X  

GS12190 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS12190
Description  Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12190 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS12190 Datasheet HTML 17Page - Semtech Corporation GS12190 Datasheet HTML 18Page - Semtech Corporation GS12190 Datasheet HTML 19Page - Semtech Corporation GS12190 Datasheet HTML 20Page - Semtech Corporation GS12190 Datasheet HTML 21Page - Semtech Corporation GS12190 Datasheet HTML 22Page - Semtech Corporation GS12190 Datasheet HTML 23Page - Semtech Corporation GS12190 Datasheet HTML 24Page - Semtech Corporation GS12190 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
GS12190
Final Data Sheet
Rev.3
PDS-061916
May 2020
21 of 121
Semtech
Proprietary & Confidential
www.semtech.com
With the default values in place:
An assertion (setting HIGH) of STAT_PRI_CD will take place after a valid signal is
present for ~6.5ms
A de-assertion (setting LOW) of STAT_PRI_CD will take place after loss of a valid
signal for ~96µs
If the application requires any adjustment of the sampling window, assertion count, or
de-assertion count, please consult the following equations to calculate the associated
time to assert or de-assert STAT_PRI_CD.
STAT_PRI_CD de-assert time:
(1.6μs) * (CFG_CD_FILTER_SAMPLE_WIN + 1) * CFG_CD_FILTER_DEASSERT_CNT
STAT_PRI_CD assert time:
(1.6μs) * (CFG_CD_FILTER_SAMPLE_WIN + 1) * CFG_CD_FILTER_ASSERT_CNT
Figure 4-1: STAT_PRI_CD Configuration Parameters
4.2.3.2 Secondary Carrier Detection (STAT_SEC_CD) Configuration
The secondary carrier detection signal acts as an additional carrier detection which can
be further filtered through squelch controls. It also serves as the control signal for Mute
on LOS (Loss Of Signal) and Disable on LOS. Please refer to Section 4.8.6 to
Section 4.8.6.3 for further information on this.
If the application requires the use of squelch settings, start by setting the following:
CFG_SEC_CD_INCL_CLI_SQUELCH = 1
Once this parameter is set, the device will apply squelch based on the settings found
within the following parameters:
CFG_CLI_SQUELCH_THRESHOLD
CFG_CLI_SQUELCH_HYSTERESIS
Time in clock cycles
CFG_CD_FILTER_SAMPLE_WIN
CFG_CD_FILTER_ASSERT_CNT =n
n=1
n=2
n=3
…
CFG_CD_FILTER_DEASSERT_CNT =n
n=1
n=2
n=3
…
= ASSERT Threshold
= DEASSERT Threshold
Time in clock cycles
CFG_CD_FILTER_SAMPLE_WIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com