Electronic Components Datasheet Search
  English  ▼

X  

TPS2399DMT7G Datasheet(PDF) 7 Page - ON Semiconductor

Part # TPS2399DMT7G
Description  -48 V Hot Swap Controller for Redundant Supply Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TPS2399DMT7G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TPS2399DMT7G Datasheet HTML 3Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 4Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 5Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 6Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 7Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 8Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 9Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 10Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TPS2398, TPS2399
www.onsemi.com
7
TYPICAL CHARACTERISTICS
VI(−VIN) = −48 V with respect to RTN, VI(EN) = 2.8 V, VI(ISENS) = 0 V, all outputs unloaded, device not in fault mode, TJ = 25°C
Figure 15. GATE High Output Voltage
Figure 16. Reference Clamp Voltage
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
13.0
13.2
13.6
13.8
14.0
14.4
14.8
15.0
100
80
60
40
20
0
−20
−40
33
35
37
39
41
43
45
Figure 17. IRAMP Output Current − Slow Rate
Figure 18. IRAMP Output Current − Fast Rate
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
−0.75
−0.70
−0.65
−0.60
−0.55
100
80
60
40
20
0
−20
−40
−10.5
−10.3
−10.2
−10.0
−9.9
−9.8
−9.6
−9.5
Figure 19. Voltage Gain, relative to ISNS
Figure 20. Current Overload Threshold, ISNS
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
9.5
9.6
9.8
9.9
10.0
10.2
10.4
10.5
80
60
40
20
0
−20
−40
80
85
90
95
100
110
115
120
9.7
10.1
10.3
105
Average for VI(IRAMP) = 1 V, 3 V
120
13.4
14.2
14.6
120
120
120
−9.7
−10.1
−10.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com