Electronic Components Datasheet Search
  English  ▼

X  

TPS2399DMT7G Datasheet(PDF) 12 Page - ON Semiconductor

Part # TPS2399DMT7G
Description  -48 V Hot Swap Controller for Redundant Supply Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TPS2399DMT7G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button TPS2399DMT7G Datasheet HTML 7Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 8Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 9Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 10Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 11Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 12Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 13Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 14Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TPS2398, TPS2399
www.onsemi.com
12
indicating approximately a 1 V droop across the brick input.
Therefore, due to the fast response of the TPS2398/99
devices, the 100
mF capacitor achieves excellent hold−up of
the brick input voltage. Actual requirements depend heavily
on the individual application. Whether the device turns back
on in either current−ramp or current−limit mode depends in
part on the size of the ramp capacitor (CIRAMP) and the input
capacitance of the pass FET. But in any case, the circuit turns
back on in a controlled−current manner after rapidly
clamping the potentially damaging spike.
Setting the Sense Resistor Value
Due to the current−limiting action of the internal LCA, the
maximum allowable load current for an implementation is
easily programmed by selecting the appropriate sense
resistor value. The LCA acts to limit the sense voltage
VISENS to its internal reference. Once the voltage at the
IRAMP pin exceeds approximately 4 V, this limit is the
clamp voltage, VREF_K. Therefore, a maximum sense
resistor value can be determined from Equation 1.
R
SNS(MAX) v
V
REF_K(MIN)
I
MAX
(eq. 1)
R
SNS(MAX) v
33 mV
I
MAX
Where:
• RSNS is the sense resistor value,
• VREF_K(MIN) is the minimum ref. clamp voltage, and
• IMAX is the desired current limit.
When setting the sense resistor value, it is important to
consider two factors, the minimum current that may be
imposed by the TPS2398 or TPS2399, and the maximum
load under normal operation of the module. For the first
factor, the specification minimum clamp value is used, as
seen in Equation 1. This method accounts for the tolerance
in the sourced current limit below the typical level expected
(40 mV / RSNS). (The clamp measurement includes LCA
input offset voltage; therefore, this offset does not have to be
factored into the current limit again.) Second, if the load
current varies over a range of values under normal operating
conditions, then the maximum load level must be allowed
for by the value of RSNS. One example of this is when the
load is a switching converter, or brick, which draws higher
input current, for a given power output, when the
distribution bus is at the low end of its operating range, with
decreasing draw at higher supply voltages. To avoid
current−limit operation under normal loading, some margin
should be designed in between this maximum anticipated
load
and
the
minimum
current
limit
level,
or
IMAX > ILOAD(MAX), for Equation 1.
For example, using a 20 m
W sense resistor for a nominal
1 A load application provides a minimum of 650 mA of
overhead for load variance/margin. Typical bulk capacitor
charging current during turn−on is 2 A (40 mV / 20 m
W).
Setting the Inrush Slew Rate
The
TPS2398
and
TPS2399
devices
enable
user−programming of the maximum current slew rate
during load start−up events. A capacitor tied to the IRAMP
pin (C2 in the typical application diagram) controls the di/dt
rate. Once the sense resistor value has been established, a
value for ramp capacitor CIRAMP, in microfarads, can be
determined from Equation 2.
C
IRAMP +
11
100
@ R
SNS @
di
dt
MAX
(eq. 2)
Where:
• RSENSE is in ohms, and
di
dt MAX
•
is the desired maximum slew rate, in
amperes/second.
For example, if the desired slew rate for the typical
application shown is 1500 mA/ms, the calculated value for
CIRAMP is about 3.7 nF. Selecting the next larger standard
value of 3.9 nF (as shown in the diagram) provides some
margin for capacitor and sense resistor tolerances.
As described earlier in this section, the TPS2398 and
TPS2399
initiate
ramp
capacitor
charging,
and
consequently, load current di/dt at a reduced rate. This
reduced rate applies until the voltage on the IRAMP pin is
about 0.5 V. The maximum di/dt rate, as set by Equation 2,
is effective once the device has switched to the 10
mA
charging source.
Setting the Fault Timing Capacitor
The fault timeout period is established by the value of the
capacitor connected to the FLTTIME pin, CFLTTM. The
timeout period permits riding out spurious current glitches
and surges that may occur during operation of the system,
and prevents indefinite sourcing into faulted loads swapped
into a live system. However, to ensure smooth voltage
ramping under all conditions of load capacitance and input
supply potential, the minimum timeout should be set to
accommodate these system variables. To do this, a rough
estimate of the maximum voltage ramp time for a
completely discharged plug−in card provides a good basis
for setting the minimum timer delay.
Due to the three−phase nature of the load current at
turn−on, the load voltage ramp potentially has three distinct
phases (compare Figures 3 and 4). This profile depends on
the relative values of load capacitance, input dc potential,
maximum current limit and other factors. The first two
phases are characterized by the two different slopes of the
current ramp; the third phase, if required for bulk
capacitance charging, is the constant−current charging at
IMAX. Considering the two current ramp phases to be one
period at an average di/dt simplifies calculation of the
required timing capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com