Electronic Components Datasheet Search
  English  ▼

X  

TPS2399DMT7G Datasheet(PDF) 8 Page - ON Semiconductor

Part # TPS2399DMT7G
Description  -48 V Hot Swap Controller for Redundant Supply Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TPS2399DMT7G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button TPS2399DMT7G Datasheet HTML 4Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 5Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 6Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 7Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 8Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 9Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 10Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 11Page - ON Semiconductor TPS2399DMT7G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPS2398, TPS2399
www.onsemi.com
8
TYPICAL CHARACTERISTICS
VI(−VIN) = −48 V with respect to RTN, VI(EN) = 2.8 V, VI(ISENS) = 0 V, all outputs unloaded, device not in fault mode, TJ = 25°C
Figure 21. Glitch Filter Delay Time
Figure 22. FLTTIME Charging Current
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
2.0
2.5
3.5
4.0
5.0
5.5
6.0
7.0
80
60
40
20
0
−20
−40
−55
−54
−52
−51
−50
−48
−47
−45
Figure 23. FLTTIME Threshold Voltage
Figure 24. FLTTIME Discharge Current
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.75
3.80
3.90
3.95
4.00
4.10
4.20
4.25
80
60
40
20
0
−20
−40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 25. Fault−Retry Duty Cycle
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VI(ISENS) = 0 to 200 mV
3.0
4.5
6.5
VI(ISENS) = 80 mV
VO(FLTTIME) = 2 V
−53
−49
−46
3.85
4.05
4.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com