| Electronic Components Datasheet Search |
|
SQ-PTS Datasheet(PDF) 4 Page - SignalQuest, Inc. |
|
|
|||||||||||||||||||||||||||||
SQ-PTS Datasheet(HTML) 4 Page - SignalQuest, Inc. |
|
4 / 12 page ![]() DATASHEET SQ-PTS PROGRAMMABLE MEMS TILT SWITCH ±70 º DUAL AXIS, 360 º SINGLE AXIS, DIGITAL OUTPUT Updated: 2014-01-16 © SignalQuest, LLC. 1999-2014 10 Water St. Lebanon, NH 03766 USA Tel: 603.448.6266 Fax 603.619.6330 www.signalquest.com info@signalquest.com 4 PERFORMANCE PARAMETERS [Test conditions: 3.3v regulator, 25 º C unless otherwise specified] PARAMETER SPECIFICATION NOTES Angle accuracy (differential) - HP option ± 1 º From any angle to any other angle within range Angle accuracy (differential) - LP option ± 2 º Angle resolution 0.1 º Alignment accuracy ± 2 º Angle range - dual axis mode ± 70 º (X and Y tilt) Dual axis X and Y tilt angle ranges with respect to horizontal. Angle range - single axis mode 360 º (Z rotation) Single axis angle measurement valid while Z axis (vector normal to circuit board) is within ± 45 º of horizontal.* Typical angular drift due to temperature. Values represent 1 sigma confidence in tilt mode. - IND option Angle range ± 10 º ± 45 º ± 70 º * 360 º (single axis) 15 C to +35 C ± 0.06 º ± 0.06 º ± 0.3 º ± 0.1 º 0 C to +70 C ± 0.3 º ± 0.3 º ± 1.6 º ± 0.6 º -40 C to +85 C ± 0.4 º ± 0.4 º ± 1.7 º ± 0.8 º Typical angular drift due to temperature. Values represent 1 sigma confidence in tilt mode. - LC option Angle range ± 10 º ± 45 º ± 70 º * 360 º (single axis) 15 C to +35 C ± 0.3 º ± 0.3 º ± 1.7 º ± 0.6 º 0 C to +70 C ± 1.3 º ± 1.4 º ± 7.8 º ± 2.8 º -40 C to +85 C ± 1.9 º ± 2.1 º ± 8.5 º ± 4.2 º * Note: Useable up to +/- 80 º with degraded accuracy. **Note: Angle ranges measured with respect to deviations from horizontal. OUTPUT CHARACTERISTICS PARAMETER – HP AND LP VERSIONS TYPICAL NOTES Update rate - HP option 40 Hz Analog update rate and Digital serial packet rate Update rate - LP option 5 Hz Warm up time from power on - S option 1.0 s Angle jitter and vibration are digitally filtered Measurement settling time - S option 0.5 s Warm up time from power on - F option 0.2 s Measurement settling time - F option 0.1 s |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |