Electronic Components Datasheet Search
  English  ▼

X  

FTK2004 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2004
Description  20V N-Channel MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2004 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2004 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
± 8
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
400
mA
IDM
Pulsed Drain Current
2
1.2
A
PD@TA=25℃
Total Power Dissipation
3
0.150
W
TSTG
Storage Temperature Range
-55 to 150
℃
℃
BVDSS
RDSON (TYP.)
ID (MAX)
20V
240m
Ω
Features
Applications
Absolute Maximum Ratings
SOT-723 Pin Configuration
Product Summery
Load/Power Switching
Interfacing Switching
Battery Management for Ultra Small
Portable Electronics
Logic Level Shift
Lead Free Product is Acquired
Surface Mount Package
N-Channel Switch with Low RDS(on)
Operated at Low Logic Level Gate Drive
20V
280m
Ω
0.6A
20V
410m
Ω
20V
450m
Ω
823
Thermal Resistance from Junction to Ambient (note 1)
θJA
R
℃/W
Junction Temperature
TJ
TL
260
Lead Temperature for Soldering Purposes(1/8” from case for 10 s)
℃
150
20V N-Channel MOSFETs
D
S
G
2021. 01. 28
1/4
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK2004


Similar Part No. - FTK2004

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FTK2000 FLUKE-FTK2000 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
First Silicon Co., Ltd
FTK2005DFN23 FS-FTK2005DFN23 Datasheet
824Kb / 4P
Dual N-Channel MOSFET
FTK2007DFN23 FS-FTK2007DFN23 Datasheet
378Kb / 4P
Dual N-Channel MOSFET
More results

Similar Description - FTK2004

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
20V N & P-Channel PowerTrench MOSFETs
logo
E-CMOS Corporation
EC742314 E-CMOS-EC742314 Datasheet
173Kb / 5P
20V N-Channel MOSFETs
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2320U FS-FTK2320U Datasheet
1Mb / 5P
20V N-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
20V N-Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2604DFN33 FS-FTK2604DFN33 Datasheet
765Kb / 5P
20V N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
20V N-Channel MOSFETs
FTK2314S FS-FTK2314S Datasheet
987Kb / 5P
20V N-Channel MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com