Electronic Components Datasheet Search
  English  ▼

X  

FTK2004 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2004
Description  20V N-Channel MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2004 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2004 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2
.
1
.
1 1
0
.
1
.
0 9
.
0 8
.
0 7
6
.
0
5
.
0
.
0 4
.
0 3
2
.
0
.
0 1
200
250
300
350
400
450
500
2
1
4
3
5
100
200
300
400
500
600
700
800
1
0
3
2
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
Pulsed
T
a=100
℃
V
SD
I
S ——
T
a=25
℃
A
SOURCE TO DRAIN
T
L
O
V
E
G
A
T
L
O
V
SD
( )
V
V
GS=4V,5V
V
GS=3V
V
GS=2.5V
V
GS=2V
Output Characteristics
V
GS=1.5V
DRA N TO SOURCE VOLTAGE V
DS
(V)
V
GS=1.8V
T
a=25
℃
Pulsed
V
GS=4.5V
V
GS=2.5V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
—— I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
——
GATE TO SOURCE VOLTAGE
GATE
GS
(V)
V
GS
R
DS(ON)
I
D=0 65A
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
(℃)
V
V
2021. 01. 28
3/4
Revision No : 0
FTK2004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com