Electronic Components Datasheet Search
  English  ▼

X  

FTK2004 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2004
Description  20V N-Channel MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2004 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2004 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2004 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.05
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V , ID=0.4A
---
240
450
mΩ
VGS=2.5V , ID=0.3A
---
280
765
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.35
---
1.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-3.7
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=± 8V , VDS=0V
---
---
±
10
uA
gfs
Forward Transconductance
VDS=5V , ID=0.1A
---
1.5
---
S
Td(on)
Turn-On Delay Time
VDD=15V , VGS=10V ,
RG=6Ω, ID=0.1A
---
5.8
---
ns
Tr
Rise Time
---
2.9
---
Td(off)
Turn-Off Delay Time
---
18
---
Tf
Fall Time
---
9
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
88
160
pF
Coss
Output Capacitance
---
15
30
Crss
Reverse Transfer Capacitance
---
10
22
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
100
mA
ISM
Pulsed Source Current2,4
---
---
0.5
A
VSD
Diode Forward Voltage2
VGS=0V , IS=0.2A , TJ=25℃
---
---
1.2
V
Diode Characteristics
VGS=1.8V , ID=0.2A
---
410
850
mΩ
VGS=1.5V , ID=0.1A
---
450
950
Notes :
1.. Surface mounted on FR4 board using the minimum recommended pad size.
2. Pulse Test : Pulse Width=300µs, Duty Cycle=2%.
3. Switching characteristics are independent of operating junction temperatures.
4. Guaranteed by design, not subject to producting.
Electrical Characteristics (TJ=25℃, unless otherwise noted)
2021. 01. 28
2/4
Revision No : 0
FTK2004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com