Electronic Components Datasheet Search
  English  ▼

X  

ADRF5047 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5047
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5047 Datasheet HTML 1Page - Analog Devices ADRF5047 Datasheet HTML 2Page - Analog Devices ADRF5047 Datasheet HTML 3Page - Analog Devices ADRF5047 Datasheet HTML 4Page - Analog Devices ADRF5047 Datasheet HTML 5Page - Analog Devices ADRF5047 Datasheet HTML 6Page - Analog Devices ADRF5047 Datasheet HTML 7Page - Analog Devices ADRF5047 Datasheet HTML 8Page - Analog Devices ADRF5047 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADRF5047
Data Sheet
Rev. 0 | Page 4 of 15
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Inputs Voltage
VCTL
0
VDD
V
RFx Input Power3
PIN
f = 200 kHz to 40 GHz, TCASE = 85°C4
Through Path
RF signal is applied to RFC or through
connected RF throw port
26
dBm
Hot Switching
RF signal is present at RFC while switching
between RF throw port
26
dBm
Case Temperature
TCASE
−40
+105
°C
1
For input linearity performance over frequency, see Figure 19 to Figure 22.
2
Video feedthrough is the spurious dc transient measured at the RF ports in a 50 Ω test setup, without an RF signal present while switching the control voltage.
3
For power derating over frequency, see Figure 2 and Figure 3.
4
For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com