Electronic Components Datasheet Search
  English  ▼

X  

ADRF5047 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5047
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5047 Datasheet HTML 1Page - Analog Devices ADRF5047 Datasheet HTML 2Page - Analog Devices ADRF5047 Datasheet HTML 3Page - Analog Devices ADRF5047 Datasheet HTML 4Page - Analog Devices ADRF5047 Datasheet HTML 5Page - Analog Devices ADRF5047 Datasheet HTML 6Page - Analog Devices ADRF5047 Datasheet HTML 7Page - Analog Devices ADRF5047 Datasheet HTML 8Page - Analog Devices ADRF5047 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Silicon SP4T Switch,
Reflective, 9 kHz to 44 GHz
Data Sheet
ADRF5047
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 44 GHz
Reflective design
Low insertion loss
1.5 dB to 18 GHz
2.4 dB to 40 GHz
2.7 dB to 44 GHz
High isolation
47 dB to 18 GHz
33 dB to 40 GHz
31 dB to 44 GHz
High input linearity
P0.1dB: 26.5 dBm typical
IP3: 50 dBm typical
High RF input power handling
Through path: 26 dBm
Hot switching: 26 dBm
No low frequency spurious
0.1 dB RF settling time: 5.2 µs
20-terminal, 3 mm × 3 mm, RoHS-compliant, LGA package
Pin compatible with ADRF5046, fast switching version
APPLICATIONS
Industrial scanner
Test instrumentation
Cellular infrastructure—mmWave 5G
Military radios, radars, and electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
GND
V1
RFC
GND
VSS
GND
GND
RF2
GND
RF3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DRIVER
ADRF5047
Figure 1.
GENERAL DESCRIPTION
The ADRF5047 is a reflective, single-pole, four-throw (SP4T)
switch manufactured in the silicon process.
The ADRF5047 operates from 9 kHz to 44 GHz with an insertion
loss of lower than 2.7 dB and an isolation of higher than 31 dB.
The device has a radio frequency (RF) input power handling
capability of 26.5 dBm for both through path and hot switching.
The ADRF5047 draws a low current of 3 µA on the positive
supply of +3.3 V, and −110 µA on the negative supply of −3.3 V.
The device provides complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor-transistor logic (LVTTL)-
compatible controls.
The ADRF5047 is pin-compatible with the ADRF5046 fast
switching version, which operates from 100 MHz to 44 GHz.
The ADRF5047 comes in a 20-terminal, 3 mm × 3 mm, RoHS-
compliant, land grid array (LGA) package and operates from
−40°C to +105°C.


Similar Part No. - ADRF5047

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5047

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com