Electronic Components Datasheet Search
  English  ▼

X  

ADRF5047 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5047
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5047 Datasheet HTML 1Page - Analog Devices ADRF5047 Datasheet HTML 2Page - Analog Devices ADRF5047 Datasheet HTML 3Page - Analog Devices ADRF5047 Datasheet HTML 4Page - Analog Devices ADRF5047 Datasheet HTML 5Page - Analog Devices ADRF5047 Datasheet HTML 6Page - Analog Devices ADRF5047 Datasheet HTML 7Page - Analog Devices ADRF5047 Datasheet HTML 8Page - Analog Devices ADRF5047 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5047
Rev. 0 | Page 3 of 15
SPECIFICATIONS
Positive supply voltage (VDD) = +3.3 V, negative supply voltage (VSS) = −3.3 V, digital control input voltage (VCTL) = 0 V or +3.3 V, and case
temperature (TCASE) = 25°C on a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
44,000
MHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On)
9 kHz to 18 GHz
1.5
dB
18 GHz to 26 GHz
1.6
dB
26 GHz to 35 GHz
2.2
dB
35 GHz to 40 GHz
2.4
dB
40 GHz to 44 GHz
2.7
dB
ISOLATION
Between RFC and RF1 to RF4 (Off)
9 kHz to 18 GHz
47
dB
18 GHz to 26 GHz
41
dB
26 GHz to 35 GHz
35
dB
35 GHz to 40 GHz
33
dB
40 GHz to 44 GHz
31
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
9 kHz to 18 GHz
15
dB
18 GHz to 26 GHz
16
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
15
dB
40 GHz to 44 GHz
14
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
1.4
µs
On Time and Off Time
tON, tOFF
50% VCTL to 90% of RF output
3.4
µs
RF Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
5.2
µs
0.05 dB
50% VCTL to 0.05 dB of final RF output
7.2
µs
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 200 kHz to 40 GHz
26.5
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone,
f = 200 kHz to 40 GHz, Δf = 1 MHz
50
dBm
Second-Order Intercept
IP2
Two-tone input power = 14 dBm each tone,
f = 10 GHz, Δf = 1 MHz
100
dBm
VIDEO FEEDTHROUGH2
2
mV p-p
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
3
µA
Negative
ISS
−110
µA
DIGITAL CONTROL INPUTS
V1, V2 pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
35
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com