Electronic Components Datasheet Search
  English  ▼

X  

FTK4407 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK4407
Description  P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4407 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK4407 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2015. 01. 15
4/4
Revision No : 0
FTK4407
SOP-8 Suggested Pad Layout
Min
Max
Min
Max
A
---
1.750
---
0.069
A1
0.100
0.250
0.004
0.010
A2
1.250
1.500
0.049
0.059
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.800
5.000
0.189
0.197
e
E
5.800
6.200
0.228
0.244
E1
3.800
4.000
0.150
0.157
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.050(BSC)
1.270(BSC)
SOP-8 Package Outline Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com