Electronic Components Datasheet Search
  English  ▼

X  

FTK4407 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4407
Description  P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4407 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4407 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4407 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FTK4407
2015. 01. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
SOP-8
P-Channel Power MOSFET
DESCRIPTION
The FTK4407 combines advanced trench MOSFET technology
with a low resistance package to provide extremely low RDS(ON).
The device is ideal for load switch and battery protection applications
Battery protection applications
Load switch
Q4407= Device code
Solid dot=Pin1 indicator
Solid dot = Green molding compound device,
if none, the normal device
Front side
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-12
A
Pulsed Drain Current
IDM
-48
A
Single Pulsed Avalanche Energy
EAS
(1)
115
mJ
Power Dissipation
PD
1.4
W
Thermal Resistance from Junction to Ambient
RθJA
89
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature Range
Tstg
-55 ~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
L
260
℃
(1).EAS condition: VDD=50V,L=0.5mH, RG=25Ω, Starting TJ = 25°C
1
2
3
4
5
6
7
S
G
D
D
D
D
S
S
8
APPLICATIONS
MARKING
YY=Date Code
T


Similar Part No. - FTK4407

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4407S FS-FTK4407S Datasheet
808Kb / 5P
P-Channel Power MOSFET
More results

Similar Description - FTK4407

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com