Electronic Components Datasheet Search
  English  ▼

X  

DW01B Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # DW01B
Description  Battery Protection IC in a SOT23-6 Plastic Package.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

DW01B Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  DW01B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DW01B
Rev.D Oct.-2015
DATA SHEET
4 / 13
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Battery short circuit
protection delay time
tSHORT
Ta=25℃
200
400
600
μs
The charger voltage
detection
VCHG
VDD=3.0V Ta=25℃
-0.27
-0.5
-0.86
V
Between VM to VDD of
the pull-up resistor
RVMD
VDD=1.8V,VM=0V
Ta=25℃
100
300
900
kΩ
The pull-down resistor
between VM to VSS
RVMS
Ta=25℃
15
30
45
kΩ
The COT output low
pull-down resistor
Ta=25℃
4
MΩ
CO output high level
VDD=3.9V,Ta=25℃
ICO=10μA
VDD-0.4
VDD-0.2
V
DO output low level
VDD=2.0V,Ta=25℃
IDO=10μA
0.2
0.4
V
DO output high level
VDD=3.9V,Ta=25℃
IDO=10μA
VDD-0.4
VDD-0.2
V
Power supply current
IDD
VDD =3.9V
Ta=25℃
2.0
6.0
μA
A low power consumption
mode the quiescent
current
IPDWN
VDD=2.0V
Ta=25℃
0.7
1.0
μA
0V charging allowed
voltage threshold
(0V charging allowed
type)
V0V_CHG
Ta=25℃
1.2
V
0V charging prohibition
threshold
(0V charging prohibition
model)
V0V_INH
VM=-2.0V
Ta=25℃
1.2
V
注:1.除非特别说明,所有电压值均相对于 VSS 而言;
2.参见应用电路图。
电性能参数 / Electrical Characteristics(Ta=25℃)
Shenzhen H&M Semiconductor Co.Ltd
http.//www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com