Electronic Components Datasheet Search
  English  ▼

X  

DW01B Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # DW01B
Description  Battery Protection IC in a SOT23-6 Plastic Package.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

DW01B Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button DW01B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DW01B
Rev.D Oct.-2015
DATA SHEET
13 / 13
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
只
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
只
/盒
Inner Boxes/Outer Box
盒
/箱
Units/Outer Box
只
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT23-5/6
3,000
10
30,000
4
120,000
7〞×8
210×205×205
435×225×420
使用说明 / Notices
Shenzhen H&M Semiconductor Co.Ltd
http.//www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com