Electronic Components Datasheet Search
  English  ▼

X  

DW01B Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # DW01B
Description  Battery Protection IC in a SOT23-6 Plastic Package.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

DW01B Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  DW01B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DW01B
Rev.D Oct.-2015
DATA SHEET
3 / 13
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Power supply
VDD
-0.3 ~10
V
VM pin Input voltage
VM
VDD-35 to VDD+0.3
V
OC output pin voltage
VCO
VDD-35 to VDD+0.3
V
OD output pin voltage
VDO
VDD-0.3 to VDD+0.3
V
Power Dissipation
PD
625
mW
Operating Temperature
Topr
-40 to +85
℃
Storage Temperature
Tstg
-65 to +150
℃
Juction Temperature
TJ
150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Power supply
VDD
-
40℃≤Ta≤85℃
1.5
10
V
Over voltage charging
protection threshold
(low to high)
VOC
Ta=25℃
VOCTYP-0.050
VOCTYP
VOCTYP+0.050
V
-
40℃≤Ta≤85℃
VOCTYP-0.080
VOCTYP
VOCTYP+0.080
V
Over voltage charging
restore threshold
(high to low)
VOCR
Ta=25℃ R1=100Ω(注 1) VOCRTYP-0.050
VOCRTYP
VOCRTYP+0.050
V
40℃≤Ta≤85℃R1=100Ω
(注
1)
VOCRTYP-0.080
VOCRTYP
VOCRTYP+0.080
V
Over voltage charging
protection delay time
tOC
VDD=3.6V→4.4V
Ta=25℃
0.7×tOCTYP
tOCTYP
1.3×tOCTYP
ms
Over voltage discharge
protection threshold
(
high to low)
VOD
Ta=25℃
VODTYP-0.075
VODTYP
VODTYP+0.075
V
-
40℃≤Ta≤85℃
VODTYP-0.105
VODTYP
VODTYP+0.105
V
Over voltage discharge
recovery threshold
(low to high)
VODR
Ta=25℃
VODRTYP-0.075
VODRTYP
VODRTYP+0.075
V
-
40℃≤Ta≤85℃
VODRTYP-0.105
VODRTYP
VODRTYP+0.105
V
Over voltage discharge
protection delay time
tOD
VDD=3.6V→2.4V
Ta=25℃
0.7×tODTYP
tODTYP
1.3×tODTYP
ms
Over current discharge
protection threshold
VEDI
Ta=25℃
VEDITYP-0.020
VEDITYP
VEDITYP+0.020
V
Over current discharge
protection delay time
tEDI
Ta=25℃
0.7×tEDITYP
TEDITYP
1.3×tEDITYP
ms
Over current discharge
recovery delay time
tEDIR
Ta=25℃
1.20
1.80
2.40
ms
Battery short circuit
protection threshold
VSHORT
VM 端电压
Ta=25℃
0.82
1.36
1.75
V
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics( Ta=25 &
℃
-40 ≤Ta≤85
℃℃
)
Shenzhen H&M Semiconductor Co.Ltd
http.//www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com