Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 86 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 82Page - Texas Instruments MCT8316Z Datasheet HTML 83Page - Texas Instruments MCT8316Z Datasheet HTML 84Page - Texas Instruments MCT8316Z Datasheet HTML 85Page - Texas Instruments MCT8316Z Datasheet HTML 86Page - Texas Instruments MCT8316Z Datasheet HTML 87Page - Texas Instruments MCT8316Z Datasheet HTML 88Page - Texas Instruments MCT8316Z Datasheet HTML 89Page - Texas Instruments MCT8316Z Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224999/A 06/2019
www.ti.com
VQFN - 1 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RGF0040E
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
5.1
4.9
7.1
6.9
1 MAX
0.05
0.00
C
(0.1) TYP
3.7±0.1
5.7±0.1
40X
0.3
0.2
3.5
5.5
36X 0.5
40X
0.5
0.3
PIN 1 ID
(OPTIONAL)
1
12
13
20
21
32
33
40
41
SEATING PLANE
MCT8316Z
SLVSF18 – MARCH 2021
www.ti.com
86
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com