Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 17Page - Texas Instruments MCT8316Z Datasheet HTML 18Page - Texas Instruments MCT8316Z Datasheet HTML 19Page - Texas Instruments MCT8316Z Datasheet HTML 20Page - Texas Instruments MCT8316Z Datasheet HTML 21Page - Texas Instruments MCT8316Z Datasheet HTML 22Page - Texas Instruments MCT8316Z Datasheet HTML 23Page - Texas Instruments MCT8316Z Datasheet HTML 24Page - Texas Instruments MCT8316Z Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Table 8-2. PWM_MODE Configuration (continued)
MODE Type
MODE Pin (Hardware
Variant)
Hall Configuration
Modulation
ASR and AAR Mode
Mode 2
Connected to AGND with
RMODE1
Digital Hall Input
Asynchronous
ASR and AAR Disabled
Mode 3
Connected to AGND with
RMODE2
Analog Hall Input
Synchronous
ASR and AAR Disabled
Mode 4
Hi-Z
Digital Hall Input
Synchronous
ASR and AAR Disabled
Mode 5
Connected to AVDD with
RMODE2
Analog Hall Input
Synchronous
ASR and AAR Enabled
Mode 6
Connected to AVDD with
RMODE1
Digital Hall Input
Synchronous
ASR and AAR Enabled
Mode 7
Connected to AVDD
Digital Hall Input
Synchronous
ASR and AAR Enabled
Note
Texas Instruments does not recommend changing the MODE pin or MODE register during operation
of the power MOSFETs. Set all INHx and INLx pins to logic low before changing the MODE pin or
MODE register. Set PWM to a low level before changing the MODE pin or MODE register.
8.3.2.1 Analog Hall Input Configuration
Figure 8-3 shows the connection of Analog Hall inputs to the driver. Analog hall elements are fed to the hall
comparators, which zero crossing is used to generate the commutation logic.
OUTA
OUTB
OUTC
HNB
HPB
HNA
HPA
HNC
HPC
Hall B
Hall C
Hall A
(Optional)
(Optional)
(Optional)
DIR
BRAKE
PWM
MCT8316Z
MCU_PWM
MCU_GPIO
MCU_GPIO
Analog Hall
Comparator Input
Figure 8-3. 1x PWM Mode with Analog Hall Input
Note
Texas Instruments recommends motor direction (DIR) change when the motor is stationary.
www.ti.com
MCT8316Z
SLVSF18 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com