Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 3 Page - Texas Instruments

  MCT8316Z Datasheet HTML 1Page - Texas Instruments MCT8316Z Datasheet HTML 2Page - Texas Instruments MCT8316Z Datasheet HTML 3Page - Texas Instruments MCT8316Z Datasheet HTML 4Page - Texas Instruments MCT8316Z Datasheet HTML 5Page - Texas Instruments MCT8316Z Datasheet HTML 6Page - Texas Instruments MCT8316Z Datasheet HTML 7Page - Texas Instruments MCT8316Z Datasheet HTML 8Page - Texas Instruments MCT8316Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
5 Device Comparison Table
DEVICE
PACKAGES
INTERFACE
BUCK REGULATOR
MCT8316ZR(1)
40-pin VQFN (7x5 mm)
SPI
Yes
MCT8316ZT
Hardware
(1)
Device available for preview only.
Table 5-1. MCT8316ZR (SPI variant) vs. MCT8316ZT (Hardware variant) configuration comparison
Parameters
MCT8316ZR (SPI variant)
MCT8316ZT (Hardware variant)
PWM control mode settings
PWM_MODE (4 settings)
MODE pin (7 settings)
Slew rate settings
SLEW (4 settings)
SLEW pin (4 settings)
Direction settings
DIR (2 settings)
DIR pin (2 settings)
DRVOFF pin configuration
DRV_OFF (2 settings)
Enabled
Current limit threshold
ILIMIT pin: AVDD/2 to AVDD/2-0.4V
ILIMIT pin: AVDD/2 to AVDD/2-0.4V
Current limit configuration
ILIM_RECIR (2 settings),
PWM_100_DUTY_SEL
Recirculation fixed to Brake mode and PWM
frequency for 100% duty fixed to 20 kHz
CSA GAIN
CSA_GAIN (4 settings)
Fixed to 0.15 V/A
Lead angle settings
ADVANCE_LVL (8 settings)
ADVANCE pin (7 settings)
Buck enable
BUCK_DIS (2 settings)
Enabled
Buck threshold
BUCK_SEL(4 settings)
VSEL_BK pin (4 settings)
Buck configuration: power sequencing,
current limit and slew rate
BUCK_PS_DIS (2 settings), BUCK_CL(2
settings) and BUCK_SR (2 settings)
Power sequencing enabled, current limit: 600
mA and slew rate: 1000 V/us
FGOUT configuration
FGOUT_SEL (4 settings)
Fixed to commutation frequency
Motor lock configuration: mode, detection and
retry timing
MTR_LOCK_MODE (4 settings),
MTR_LOCK_TDET (4 settings),
MTR_LOCK_RETRY (2 settings)
Enabled with latched shutdown mode and
detection time of 1000 ms
Active demagnetization
EN_AAR (2 settings) and EN_ASR (2
settings)
MODE pin (7 settings)
OCP configuration: Mode,
OCP_MODE (4 settings) , OCP_LVL (4
settings) ,OCP_DEG (4 settings) and
OCP_RETRY (2 settings)
Enabled with latched shutdown mode, level is
fixed to 16A with 0.6 us deglitch time
Overvoltage protection configuration
OVP_EN (2 settings) , OVP_SEL (2 settings)
Enabled and level is fixed to 34V (typ)
Driver delay compensation configuration
DLYCMP_EN (2 settings), DLY_TARGET (16
settings)
Disabled
SDO pin configuration
SDO_MODE (2 settings)
NA
SPI fault configuration
SPI_PARITY(2 settings), SPI_SCLK_FLT(2
settings), SPI_ADDR_FLT(2 settings)
NA
www.ti.com
MCT8316Z
SLVSF18 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com