Electronic Components Datasheet Search
  English  ▼

X  

OPA191ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA191ID Datasheet HTML 4Page - Texas Instruments OPA191ID Datasheet HTML 5Page - Texas Instruments OPA191ID Datasheet HTML 6Page - Texas Instruments OPA191ID Datasheet HTML 7Page - Texas Instruments OPA191ID Datasheet HTML 8Page - Texas Instruments OPA191ID Datasheet HTML 9Page - Texas Instruments OPA191ID Datasheet HTML 10Page - Texas Instruments OPA191ID Datasheet HTML 11Page - Texas Instruments OPA191ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V) (continued)
at TA = +25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±18 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RL = 2 kΩ
124
134
dB
VS = ±18 V,
(V–) + 0.8 V < VO < (V+) – 0.8 V,
RL = 2 kΩ, RUM package
124
134
VS = ±18 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RL = 2 kΩ
TA = –40°C to +125°C
114
126
VS = ±18 V,
(V–) + 0.8 V < VO < (V+) – 0.8 V,
RL = 2 kΩ, RUM package
TA = –40°C to +125°C
114
126
VS = ±18 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RL = 10 kΩ
126
140
VS = ±18 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RL = 10 kΩ
TA = –40°C to +125°C
120
134
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
2.5
MHz
SR
Slew rate
VS = ±18 V, G = 1, 10-V step
Falling
7.5
V/µs
Rising
5.5
ts
Settling time
To 0.01%, CL = 20 pF
VS = ±18 V, G = 1, 2-V step
0.7
µs
VS = ±18 V, G = 1, 5-V step
1
To 0.001%, CL = 20 pF
VS = ±18 V, G = 1, 2-V step
1.8
VS = ±18 V, G = 1, 5-V step
3.7
tOR
Overload recovery time
VIN × G = VS
From overload to negative rail
0.4
µs
From overload to positive rail
1
THD+N
Total harmonic
distortion + noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.0012%
Crosstalk
OPA2191 and OPA4191, at dc
150
dB
OPA2191 and OPA4191, f = 100 kHz
130
dB
OUTPUT
VO
Voltage output swing
from rail
Positive rail
No load
5
15
mV
RL = 10 kΩ
50
110
RL = 2 kΩ
200
500
Negative rail
No load
5
15
RL = 10 kΩ
50
110
RL = 2 kΩ
200
500
ISC
Short-circuit current
VS = ±18 V
±65
mA
CL
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, See Figure 31
700
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
140
200
µA
TA = –40°C to +125°C
250
TEMPERATURE
Thermal protection
180
°C
Thermal hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com