Electronic Components Datasheet Search
  English  ▼

X  

OPA191ID Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191ID Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA191ID Datasheet HTML 14Page - Texas Instruments OPA191ID Datasheet HTML 15Page - Texas Instruments OPA191ID Datasheet HTML 16Page - Texas Instruments OPA191ID Datasheet HTML 17Page - Texas Instruments OPA191ID Datasheet HTML 18Page - Texas Instruments OPA191ID Datasheet HTML 19Page - Texas Instruments OPA191ID Datasheet HTML 20Page - Texas Instruments OPA191ID Datasheet HTML 21Page - Texas Instruments OPA191ID Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Time (500 ns/div)
0.01% settling = r200 PV
Time (500 ns/div)
0.01% settling = r500 PV
Time (2.5 µs/div)
C017
Time (500 ns/div)
0.01% settling = r200 PV
Time (2.5 µs/div)
C017
Time (2.5 µs/div)
C017
18
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
G = –1, RL = 1 kΩ, CL = 10 pF
Figure 37. Small-Signal Step Response
G = 1, CL = 10 pF
Figure 38. Large-Signal Step Response
G = –1, RL = 1 kΩ, CL = 10 pF
Figure 39. Large-Signal Step Response
Gain = 1, 2-V step, rising, step applied at t = 0 µs on all four plots
Figure 40. 0.01% Settling Time
Gain = 1, 2-V step, falling, step applied at t = 0 µs
Figure 41. 0.01% Settling Time
Gain = 1, 5-V step, rising, step applied at t = 0 µs
Figure 42. 0.01% Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com